Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 67 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 63Page - Analog Devices AD9142ABCPZRL Datasheet HTML 64Page - Analog Devices AD9142ABCPZRL Datasheet HTML 65Page - Analog Devices AD9142ABCPZRL Datasheet HTML 66Page - Analog Devices AD9142ABCPZRL Datasheet HTML 67Page - Analog Devices AD9142ABCPZRL Datasheet HTML 68Page - Analog Devices AD9142ABCPZRL Datasheet HTML 69Page - Analog Devices AD9142ABCPZRL Datasheet HTML 70Page - Analog Devices AD9142ABCPZRL Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
AD9142A
Data Sheet
QDAC GAIN ADJUST REGISTER
Address: 0x40, Reset: 0x20, Name: QDAC_GAIN_ADJ
Table 84. Bit Descriptions for QDAC_GAIN_ADJ
Bits
Bit Name
Settings
Description
Reset
Access
[5:0]
QDAC_GAIN_ADJ
This register is the 6-bit digital gain adjust on the Q channel. The bit weighting
is MSB = 20, LSB = 2−5, which yields a multiplier range of 0 to 2 or −∞ to 6 dB.The
default gain setting is 0x20, which maps to unity gain (0 dB).
0x20
RW
GAIN STEP CONTROL 0 REGISTER
Address: 0x41, Reset: 0x01, Name: GAIN_STEP_CTRL0
Table 85. Bit Descriptions for GAIN_STEP_CTRL0
Bits
Bit Name
Settings
Description
Reset
Access
[5:0]
RAMP_UP_STEP
This register sets the step size of the increasing gain.The digital gain increases by the
configured amount in every four DAC cycles until the gain reaches the setting in
IDAC_GAIN_ADJ (Register 0x3F).The bit weighting is MSB = 21, LSB = 2−4. Note that
the value in this register must not be greater than the values in the IDAC_GAIN_ADJ.
0x01
RW
GAIN STEP CONTROL 1 REGISTER
Address: 0x42, Reset: 0x41, Name: GAIN_STEP_CTRL1
Table 86. Bit Descriptions for GAIN_STEP_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
7
DAC_OUTPUT_OFF
This bit allows for turning the DAC output on and off manually. The digital
IQ gain function (Register 0x27, Bit 5) must be turned on for this bit to function.
0x0
RW
6
DAC_OUTPUT_STATUS
This bit indicates the DAC output on/off status. When the DAC output is turned
off, this bit is 1. Upon power-up, this bit is 1. The digital IQ gain function
(Register 0x27, Bit 5) must be turned on for this bit to track the on/off status
0x1
R
[5:0]
RAMP_DOWN_STEP
This register sets the step size of the decreasing gain. The digital gain
decreases by the configured amount in every four DAC cycles until the gain
reaches zero. The bit weighting is MSB = 21, LSB = 2−4. Note that the value in
this register must not be greater than the values in the IDAC_GAIN_ADJ
(Register 0x3F).
0x01
RW
TX ENABLE CONTROL REGISTER
Address: 0x43, Reset: 0x07, Name: TX_ENABLE_CTRL
Table 87. Bit Descriptions for TX_ENABLE_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
2
TXENABLE_GAINSTEP_EN
DAC output gradually turns on/off under the control of the
TXENABLE signal from the TXEN pin according to the settings
in Register 0x41 and Register 0x42.
1
RW
1
TXENABLE_SLEEP_EN
When set to 1, the device is put in sleep mode when the
TXENABLE signal from the TXEN pin is low.
1
RW
0
TXENABLE_POWER_DOWN_EN
When set to 1, the device is put in power down mode when
the TXENABLE signal from the TXEN pin is low.
1
RW
Rev. A | Page 66 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com