Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 65 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 61Page - Analog Devices AD9142ABCPZRL Datasheet HTML 62Page - Analog Devices AD9142ABCPZRL Datasheet HTML 63Page - Analog Devices AD9142ABCPZRL Datasheet HTML 64Page - Analog Devices AD9142ABCPZRL Datasheet HTML 65Page - Analog Devices AD9142ABCPZRL Datasheet HTML 66Page - Analog Devices AD9142ABCPZRL Datasheet HTML 67Page - Analog Devices AD9142ABCPZRL Datasheet HTML 68Page - Analog Devices AD9142ABCPZRL Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
AD9142A
Data Sheet
NCO FREQUENCY TUNING WORD 3 REGISTER
Address: 0x34, Reset: 0x10, Name: NCO_FREQ_TUNING_WORD3
Table 73. Bit Descriptions for NCO_FREQ_TUNING_WORD3
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
NCO_FTW3
Bits[7:0] together with the bits in Register 0x31 through Register
0x33 form the 32-bit frequency tuning word that determines the
frequency of the complex carrier generated by the on-chip NCO.
The frequency is not updated when the FTW registers are written. The
values are only updated when a serial port update or frame update is
initialized in Register 0x30. It is in twos complement format.
0x10
RW
NCO PHASE OFFSET 0 REGISTER
Address: 0x35, Reset: 0x00, Name: NCO_PHASE_OFFSET0
Table 74. Bit Descriptions for NCO_PHASE_OFFSET0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
NCO_PHASE_OFFSET_LSB
This register, together with Register 0x36, sets the initial phase of the
complex carrier signal upon reset. The phase offset spans from 0° to
360°. Each bit represents an offset of 0.0055°. This value is in twos
complement format.
0x00
RW
NCO PHASE OFFSET 1 REGISTER
Address: 0x36, Reset: 0x00, Name: NCO_PHASE_OFFSET1
Table 75. Bit Descriptions for NCO_PHASE_OFFSET1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
NCO_PHASE_OFFSET_MSB
This register, together with Register 0x35, sets the initial phase of the
complex carrier signal upon reset. The phase offset spans from 0° to 360°.
Each bit represents an offset of 0.0055°. This value is in twos
complement format.
0x00
RW
IQ PHASE ADJUST 0 REGISTER
Address: 0x37, Reset: 0x00, Name: IQ_PHASE_ADJ0
Table 76. Bit Descriptions for IQ_PHASE_ADJ0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
IQ_PHASE_ADJ_LSB
Q phase adjust, Bits[7:0] along with Bits[4:0] in Register 0x38, is used to
insert a phase offset between the I and Q datapaths. It provides an
adjustment range of ±14° with a step of 0.0035°. This value is in twos
complement. See the Quadrature Phase Adjustment section for more
information.
0x00
RW
IQ PHASE ADJUST 1 REGISTER
Address: 0x38, Reset: 0x00, Name: IQ_PHASE_ADJ1
Table 77. Bit Descriptions for IQ_PHASE_ADJ1
Bits
Bit Name
Settings
Description
Reset
Access
[4:0]
IQ_PHASE_ADJ_MSB
IQ phase adjust, Bits[4:0] along with Bits[7:0] in Register 0x37, is used
to insert a phase offset between the I and Q datapaths. It provides an
adjustment range of ±14° with a step of 0.0035°. This value is in twos
complement. See the Quadrature Phase Adjustment section for more
information.
0x0
RW
Rev. A | Page 64 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com