Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 24 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 20Page - Analog Devices AD9142ABCPZRL Datasheet HTML 21Page - Analog Devices AD9142ABCPZRL Datasheet HTML 22Page - Analog Devices AD9142ABCPZRL Datasheet HTML 23Page - Analog Devices AD9142ABCPZRL Datasheet HTML 24Page - Analog Devices AD9142ABCPZRL Datasheet HTML 25Page - Analog Devices AD9142ABCPZRL Datasheet HTML 26Page - Analog Devices AD9142ABCPZRL Datasheet HTML 27Page - Analog Devices AD9142ABCPZRL Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
Data Sheet
AD9142A
DATA INTERFACE
LVDS INPUT DATA PORTS
The AD9142A has a 16-bit LVDS bus that accepts 16-bit I and
Q data either in word (16-bit) or byte (8-bit) formats. In the
word interface mode, the data is sent over the entire 16-bit data
bus. In the byte interface mode, the data is sent over the lower
8-bit (D7 to D0) LVDS bus. Table 11 lists the pin assignment of
the bus and the SPI register configuration for each mode.
Table 11. LVDS Input Data Modes
Interface Mode
Pin Assignment
SPI Register Configuration
Word
D15 to D0
Register 0x26, Bit 0 = 0
Byte
D7 to D0
Register 0x26, Bit 0 = 1
WORD INTERFACE MODE
In word interface mode, the digital clock input (DCI) signal is a
reference bit that generates a double data rate (DDR) data
sampling clock. Time align the DCI signal with the data. The
IDAC data follows the rising edge of the DCI, and the QDAC
data follows the falling edge of the DCI, as shown in Figure 33.
Figure 33. Timing Diagram for Word Interface Mode
BYTE INTERFACE MODE
In byte interface mode, the required sequence of the input data
stream is I[15:8], I[7:0], Q[15:8], Q[7:0]. A frame signal is
required to align the order of input data bytes properly. Time
align both the DCI signal and frame signal with the data. The
rising edge of the frame indicates the start of the sequence. The
frame can be either a one shot or periodical signal as long as its
first rising edge is correctly captured by the device. For a one
shot frame, the frame pulse must be held at high for at least one
DCI cycle. For a periodical frame, the frequency needs to be
fDCI/(2 × n)
where n is a positive integer, that is, 1, 2, 3, …
Figure 34 is an example of signal timing in byte mode.
Figure 34. Timing Diagram for Byte Interface Mode
DATA INTERFACE CONFIGURATION OPTIONS
To provide more flexibility for the data interface, some
additional options are listed in Table 12.
Table 12. Data Interface Configuration Options
Register 0x26
Description
DATA_FORMAT (Bit 7)
Select between binary and twos
complement formats.
DATA_PAIRING (Bit 6)
Indicate I/Q data pairing on data input.
This allows the I and Q data that is
received to be paired in various ways.
DATA_BUS_INVERT (Bit 5)
Swaps the bit order of the data input
port. Remaps the input data from
D[15:0] to D[0:15].
DLL INTERFACE MODE
A source synchronous LVDS interface is used between the data
host and AD9142A to achieve high data rates while simplifying
the interface. The FPGA or ASIC feeds the AD9142A with 16-bit
input data. Along with the input data, the FPGA or ASIC
provides a DDR (double data rate) data clock input (DCI).
A delay locked loop (DLL) circuit designed to operate with DCI
clock rates between 250 and 575 MHz is used to generate a phase-
shifted version of the DCI, called DSC (data sampling clock), to
register the input data on both the rising and falling edges.
As shown in Figure 35, the DCI clock edges must be coincident
with the data bit transitions with minimum skew and jitter. The
nominal sampling point of the input data occurs in the middle
of the DCI clock edges because this point corresponds to the
center of the data eye. This is also equivalent to a nominal phase
shift of 90°of the DCI clock.
The data timing requirements are defined by a data valid
window (DVW) that is dependent on the data clock input skew,
input data jitter, and the variations of the DLL delay line across
delay settings. The DVW is defined as
DVW = tDATA PERIOD − tDATA SKEW – tDATA JITTER
The available margin for data interface timing is given by
tMARGIN = DVW − (tS + tH)
The difference between the setup and hold times, which is also
called the keep out window, or KOW, is the area where data
transitions should not happen. The timing margin allows
tuning of the DLL delay setting by the user, see Figure 36.
From the figure, it can be seen that the ideal location for the
DSC signal is 90° out of phase from the DCI input. However,
due to skew of the DCI relative to the data, it may be necessary
to change the DSC phase offset to sample the data at the center
of its eye diagram. The sampling instance can be varied in discrete
increments by offsetting the nominal DLL phase shift value of
90° via Register 0x0A, Bits[3:0]. This register is a signed value.
The MSB is the sign and the LSBs are the magnitude. The
following equation defines the phase offset relationship:
Phase Offset = 90° ± n × 11.25°, |n| < 7
where n is the DLL phase offset setting.
I0
Q0
I1
Q1
WORD INTERFACE MODE
DCI
INPUT DATA[15:0]
I0[15:8]
I0[7:0]
Q0[15:8]
Q0[7:0]
BYTE INTERFACE MODE
DCI
FRAME
INPUT DATA[7:0]
Rev. A | Page 23 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com