Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 59 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 55Page - Analog Devices AD9142ABCPZRL Datasheet HTML 56Page - Analog Devices AD9142ABCPZRL Datasheet HTML 57Page - Analog Devices AD9142ABCPZRL Datasheet HTML 58Page - Analog Devices AD9142ABCPZRL Datasheet HTML 59Page - Analog Devices AD9142ABCPZRL Datasheet HTML 60Page - Analog Devices AD9142ABCPZRL Datasheet HTML 61Page - Analog Devices AD9142ABCPZRL Datasheet HTML 62Page - Analog Devices AD9142ABCPZRL Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
AD9142A
Data Sheet
PLL STATUS 1 REGISTER
Address: 0x17, Reset: 0x00, Name: PLL_STATUS1
Table 46. Bit Descriptions for PLL_STATUS1
Bits
Bit Name
Settings
Description
Reset
Access
[5:0]
PLL_BAND_READBACK
Indicates the VCO band currently selected.
0x00
R
IDAC FS ADJUST LSB REGISTER
Address: 0x18, Reset: 0xF9, Name: IDAC_FS_ADJ0
Table 47. Bit Descriptions for IDAC_FS_ADJ0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
IDAC_FULLSCALE_ADJUST_LSB
IDAC full-scale adjust, these bits, along with Bits[1:0] in
Register 0x19, set the full-scale current of the IDAC. The full-
scale current can be adjusted from 8.64 mA to 31.68 mA. The
default value (0x1F9) sets the full-scale current to 20 mA.
0xF9
RW
IDAC FS ADJUST MSB REGISTER
Address: 0x19, Reset: 0xE1, Name: IDAC_FS_ADJ1
Table 48. Bit Descriptions for IDAC_FS_ADJ1
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
Reserved
Set to default value for optimal performance.
0x7
RW
[1:0]
IDAC_FULLSCALE_ADJUST_MSB
IDAC full-scale adjust, these bits, along with Bits[7:0] in
Register 0x18,the full-scale current of the IDAC. The full-scale
current can be adjusted from 8.64 mA to 31.68 mA. The
default value (0x1F9) sets the full-scale current to 20 mA.
0x1
RW
QDAC FS ADJUST LSB REGISTER
Address: 0x1A, Reset: 0xF9, Name: QDAC_FS_ADJ0
Table 49. Bit Descriptions for QDAC_FS_ADJ0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
QDAC_FULLSCALE_ADJUST_LSB
QDAC Full-Scale Adjust, these bits, along with Bits[1:0] in Register
0x1B, set the full-scale current of the QDAC. The full-scale
current can be adjusted from 8.64 mA to 31.68 mA. The
default value (0x1F9) sets the full-scale current to 20 mA.
0xF9
RW
QDAC FS ADJUST MSB REGISTER
Address: 0x1B, Reset: 0x01, Name: QDAC_FS_ADJ1
Table 50. Bit Descriptions for QDAC_FS_ADJ1
Bits
Bit Name
Settings
Description
Reset
Access
[1:0]
QDAC_FULLSCALE_ADJUST_MSB
QDAC Full-Scale Adjust, these bits, along with Bits[7:0] in Register
0x1A, set the full-scale current of the QDAC. The full-scale
current can be adjusted from 8.64 mA to 31.68 mA. The
default value (0x1F9) sets the full-scale current to 20 mA.
0x1
RW
Rev. A | Page 58 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com