Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 41 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 37Page - Analog Devices AD9142ABCPZRL Datasheet HTML 38Page - Analog Devices AD9142ABCPZRL Datasheet HTML 39Page - Analog Devices AD9142ABCPZRL Datasheet HTML 40Page - Analog Devices AD9142ABCPZRL Datasheet HTML 41Page - Analog Devices AD9142ABCPZRL Datasheet HTML 42Page - Analog Devices AD9142ABCPZRL Datasheet HTML 43Page - Analog Devices AD9142ABCPZRL Datasheet HTML 44Page - Analog Devices AD9142ABCPZRL Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
AD9142A
Data Sheet
Rev. A | Page 40 of 72
INTERRUPT REQUEST OPERATION
The AD9142A provides an interrupt request output signal on
Pin 50 and Pin 51 (IRQ2 and IRQ1, respectively) that can be used
to notify an external host processor of significant device events.
Upon assertion of the interrupt, query the device to determine
the precise event that occurred. The IRQ1 pin is an open-drain,
active low output. Pull the IRQ1 pin high external to the device.
This pin can be tied to the interrupt pins of other devices with
open-drain outputs to wire-OR these pins together.
Ten event flags provide visibility into the device. These flags are
located in the two event flag registers, Register 0x05 and
Register 0x06. The behavior of each event flag is independently
selected in the interrupt enable registers, Register 0x03 and
Register 0x04. When the flag interrupt enable is active, the event
flag latches and triggers an external interrupt. When the flag
interrupt is disabled, the event flag monitors the source signal,
but the IRQ1 and IRQ2 pins remain inactive.
INTERRUPT WORKING MECHANISM
Figure 51 shows the interrupt related circuitry and how the event
flag signals propagate to the IRQx output. The INTERRUPT_
ENABLE signal represents one bit from the interrupt enable
register. The EVENT_FLAG_SOURCE signal represents one bit
from the event flag register. The EVENT_FLAG_SOURCE signal
represents one of the device signals that can be monitored, such as
the PLL_LOCK signal from the PLL phase detector or the
FIFO_WARNING_1 signal from the FIFO controller.
When an interrupt enable bit is set high, the corresponding event
flag bit reflects a positively tripped version of the EVENT_FLAG_
SOURCE signal; that is, the event flag bit is latched on the rising
edge of the EVENT_FLAG_SOURCE signal. This signal also
asserts the external IRQ pins.
When an interrupt enable bit is set low, the event flag bit reflects
the present status of the EVENT_FLAG_SOURCE signal, and
the event flag has no effect on the external IRQ pins.
Clear the latched version of an event flag (the INTERRUPT_
SOURCE signal) in one of two ways. The recommended
method is by writing 1 to the corresponding event flag bit. The
second method is to use a hardware or software reset to clear the
INTERRUPT_SOURCE signal.
The IRQ2 circuitry works in the same way as the IRQ1 circuitry.
Any one or multiple event flags can be enabled to trigger the
IRQ1 and IRQ2 pins. The user can select one or both hardware
interrupt pins for the enabled event flags. Register 0x07 and
Register 0x08 determine the pin to which each event flag is
routed. Set Register 0x07 and Register 0x08 to 0 for IRQ1 and set
these registers to 1 for IRQ2.
INTERRUPT SERVICE ROUTINE
Interrupt request management starts by selecting the set of
event flags that require host intervention or monitoring. Enable
the events that require host action so that the host is notified
when they occur. For events requiring host intervention upon
IRQx activation, run the following routine to clear an interrupt
request:
1.
Read the status of the event flag bits that are being
monitored.
2.
Set the interrupt enable bit low so that the unlatched
EVENT_FLAG_SOURCE signal can be monitored directly.
3.
Perform any actions that may be required to clear the
EVENT_FLAG_SOURCE signal. In many cases, no
specific actions may be required.
4.
Read the event flag to verify that the actions taken have
cleared the EVENT_FLAG_SOURCE signal.
5.
Clear the interrupt by writing 1 to the event flag bit.
6.
Set the interrupt enable bits of the events to be monitored.
Note that some EVENT_FLAG_SOURCE signals are latched
signals. These signals are cleared by writing to the correspon-
ding event flag bit. For more information about each of the
event flags, see the Device Configuration Register Map section.
Figure 51. Simplified Schematic of IRQ Circuitry
INTERRUPT_ENABLE
EVENT_FLAG_SOURCE
DEVICE_RESET
EVENT_FLAG
INTERRUPT_
SOURCE
1
0
OTHER
INTERRUPT
SOURCES
IRQ
WRITE_1_TO_EVENT_FLAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com