Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 60 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 56Page - Analog Devices AD9142ABCPZRL Datasheet HTML 57Page - Analog Devices AD9142ABCPZRL Datasheet HTML 58Page - Analog Devices AD9142ABCPZRL Datasheet HTML 59Page - Analog Devices AD9142ABCPZRL Datasheet HTML 60Page - Analog Devices AD9142ABCPZRL Datasheet HTML 61Page - Analog Devices AD9142ABCPZRL Datasheet HTML 62Page - Analog Devices AD9142ABCPZRL Datasheet HTML 63Page - Analog Devices AD9142ABCPZRL Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
Data Sheet
AD9142A
DIE TEMPERATURE SENSOR CONTROL REGISTER
Address: 0x1C, Reset: 0x02, Name: DIE_TEMP_SENSOR_CTRL
Table 51. Bit Descriptions for DIE_TEMP_SENSOR_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[6:4]
FS_CURRENT
Temperature sensor ADC full-scale current. Using the default
setting is recommended.
0x0
RW
000
50 μA.
001
62.5 μA.
…
110
125 μA.
111
137.5 μA.
[3:1]
REF_CURRENT
Temperature sensor ADC reference current. Using the default
setting is recommended.
0x1
RW
000
12.5 μA.
001
19 μA.
…
110
50 μA.
111
56.5 μA.
0
DIE_TEMP_SENSOR_EN
Enable the on-chip temperature sensor.
0x0
RW
DIE TEMPERATURE LSB REGISTER
Address: 0x1D, Reset: 0x00, Name: DIE_TEMP_LSB
Table 52. Bit Descriptions for DIE_TEMP_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DIE_TEMP_LSB
Die temperature, these bits, along with Bits[7:0] in Register 0x1E,
indicate the approximate die temperature. For more information, see
the Temperature Sensor section.
0x00
R
DIE TEMPERATURE MSB REGISTER
Address: 0x1E, Reset: 0x00, Name: DIE_TEMP_MSB
Table 53. Bit Descriptions for DIE_TEMP_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DIE_TEMP_MSB
Die temperature, these bits, along with Bits[7:0] in Register 0x1D,
indicate the approximate die temperature. For more information,
see the Temperature Sensor section.
0x00
R
CHIP ID REGISTER
Address: 0x1F, Reset: 0x0A, Name: CHIP_ID
Table 54. Bit Descriptions for CHIP_ID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CHIP_ID
The AD9142A chip ID is 0x0A.
0x0A
R
INTERRUPT CONFIGUATION REGISTER
Address: 0x20, Reset: 0x00, Name: INTERRUPT_CONFIG
Table 55. Bit Descriptions for INTERRUPT_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
INTERRUPT_CONFIGURATION
0x00
Test mode.
0x00
RW
0x01
Recommended mode (described in the Interrupt Request
Operation section).
Rev. A | Page 59 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com