Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 39 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 35Page - Analog Devices AD9142ABCPZRL Datasheet HTML 36Page - Analog Devices AD9142ABCPZRL Datasheet HTML 37Page - Analog Devices AD9142ABCPZRL Datasheet HTML 38Page - Analog Devices AD9142ABCPZRL Datasheet HTML 39Page - Analog Devices AD9142ABCPZRL Datasheet HTML 40Page - Analog Devices AD9142ABCPZRL Datasheet HTML 41Page - Analog Devices AD9142ABCPZRL Datasheet HTML 42Page - Analog Devices AD9142ABCPZRL Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
AD9142A
Data Sheet
MULTIDEVICE SYNCHRONIZATION AND FIXED LATENCY
A DAC introduces a variation of pipeline latency to a system.
The latency variation causes the phase of a DAC output to vary
from power-on to power-on. Therefore, the output from
different DAC devices may not be perfectly aligned even with
well aligned clocks and digital inputs. The skew between
multiple DAC outputs varies from power-on to power-on.
In applications such as transmit diversity or digital predistortion,
where deterministic latency is desired, the variation of the
pipeline latency must be minimized. Deterministic latency in
this data sheet is defined as a fixed time delay from the digital
input to the analog output in a DAC from power-on to power-on.
Multiple DAC devices are considered synchronized to each other
when each DAC in this group has the same constant latency
from power-on to power-on. Three conditions must be identical in
all of the ready-to-sync devices before these devices are
considered synchronized:
The phase of DAC internal clocks
The FIFO level
The alignment of the input data
VERY SMALL INHERENT LATENCY VARIATION
The innovative architecture of the AD9142A minimizes the
inherent latency variation. The worst-case variation in the
AD9142A is two DAC clock cycles. For example, in the case of a
1.5 GHz sample rate, the variation is less than 1.4 ns in any
scenario. Therefore, without turning on the synchronization
engine, the DAC outputs from multiple AD9142A devices are
guaranteed to be aligned within two DAC clock cycles, regardless
of the timing between the DCI and the DACCLK. No additional
clocks are required to achieve this accuracy. The user must reset
the FIFO in each DAC device through the SPI at startup.
Therefore, the AD9142A can decrease the complexity of system
design in multitransmit channel applications.
Note the alignment of the DCI signals in the design. The DCI is
used as a reference in the AD9142A design to align the FIFO
and the phase of internal clocks in multiple devices. The
achieved DAC output alignment depends on how well the DCI
signals are aligned at the input of each device. The following
equation is the expression of the worst-case DAC output
alignment accuracy in the case of DCI signal mismatches.
tSK (OUT) = tSK (DCI) + 2/fDAC
where:
tSK (OUT) is the worst-case skew between the DAC output from
two AD9142A devices.
tSK (DCI) is the skew between two DCI signals at the DCI input of
the two AD9142A devices.
fDAC is the DACCLK frequency.
The better the alignment of the DCI signals, the smaller is the
overall skew between two DAC outputs.
FURTHER REDUCING THE LATENCY VARIATION
For applications that require finer synchronization accuracy
(DAC latency variation < 2 DAC clock cycles), the AD9142A
has a provision for enabling multiple devices to be synchronized
to each other within a single DAC clock cycle.
To further reduce the latency variation in the DAC, the
synchronization machine needs to be turned on and two
external clocks (frame and sync) need to be generated in the
system and fed to all the DAC devices.
Set Up and Hold Timing Requirement
The sync clock (fSYNC) serves as a reference clock in the system
to reset the clock generation circuitry in multiple AD9142A
devices simultaneously. Inside the DAC, the sync clock is
sampled by the DACCLK to generate a reference point for
aligning the internal clocks, so there is a setup and hold timing
requirement between the sync clock and the DAC clock.
If the user adopts the continuous frame reset mode, that is, the
FIFO and sync engine periodically reset, the timing requirements
between the sync clock and the DAC clock must be met.
Otherwise, the device can lose lock and corrupt the output. In
the one shot frame reset mode, it is still recommended that this
timing be met at the time when the sync routine is run because
not meeting the timing can degrade the sync alignment
accuracy by one DAC cycle, as shown in Table 22.
For users who want to synchronize the device in a one-shot
manner and continue to monitor the synchronization status,
the AD9142A provides a sync monitoring mode. It provides a
continuous sync and frame clock to synchronize the part once
and ignore the clock cycles after the first valid frame pulse is
detected. In this way, the user can monitor the sync status
without periodically resynchronizing the device; to engage the
sync monitoring mode, set Register 0x22[1:0] (FRAME_RESET_
MODE) to 11b.
Table 22. Sync Clock and DAC Clock Setup and Hold Times
Falling Edge Sync Timing (default)
Max (ps)
tS (ns)
324
tH (ns)1
−92
|tS + tH| (ns)
232
1
The negative sign indicates the direction of the setup time. The setup time is
defined as positive when it is on the left side of the clock edge and negative
when it is on the right side of the clock edge.
Rev. A | Page 38 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com