Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 38 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 34Page - Analog Devices AD9142ABCPZRL Datasheet HTML 35Page - Analog Devices AD9142ABCPZRL Datasheet HTML 36Page - Analog Devices AD9142ABCPZRL Datasheet HTML 37Page - Analog Devices AD9142ABCPZRL Datasheet HTML 38Page - Analog Devices AD9142ABCPZRL Datasheet HTML 39Page - Analog Devices AD9142ABCPZRL Datasheet HTML 40Page - Analog Devices AD9142ABCPZRL Datasheet HTML 41Page - Analog Devices AD9142ABCPZRL Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
Data Sheet
AD9142A
TRANSMIT ENABLE FUNCTION
The transmit enable (TXEN) function provides the user with a
hardware switch of the DAC output. The function accepts a
CMOS signal via Pin 6 (TXEN). When this signal is detected
high, the transmit path is enabled and the DAC transmits the
data normally. When this signal is detected low, one of the three
actions related to the DAC output is triggered. This can be
configured in Register 0x43.
1. The DAC output is gradually attenuated from full scale gain
to 0. The attenuation step size is set in Register 0x42[5:0].
2. The DAC is put in sleep mode and the output current is
turned off. Other areas of the DAC are still running in this
mode.
3. The DAC is put in power-down mode. In this mode, not
only the DAC output current is turned off but the rest of
the DAC is powered down. This minimizes the power
consumption of the DAC when the data is not transmitting
but it takes a bit longer than the first two modes to start to
retransmit data due to the device power-up time.
The TXEN function also provides a gain ramp-up function that
lets the user turn on the DAC output gradually when the TXEN
signal switches from low to high. The ramp-up gain step can be
configured using Register 0x41[5:0].
DIGITAL FUNCTION CONFIGURATION
Each of the digital gain and phase adjust functions and the
inverse sinc filter can be enabled and adjusted independently.
The pipeline latencies these blocks add into the data path are
different between enabled and disabled. If fixed DAC pipeline
latency is desired during operation, leave these functions always
on or always off after initial configuration.
The digital dc adjust function is always on. The default value is
0; that is, there is no additional dc offset. The pipeline latency that
this block adds is a constant, no matter the value of the dc
offset.
There is also a latency difference between using and not using
the input signal power detection and protection function.
Therefore, to keep the overall latency fixed, leave this function
always on or always off after the initial configuration.
Rev. A | Page 37 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com