Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZRL Datasheet(PDF) 63 Page - Analog Devices

Part # AD9142ABCPZRL
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZRL Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9142ABCPZRL Datasheet HTML 59Page - Analog Devices AD9142ABCPZRL Datasheet HTML 60Page - Analog Devices AD9142ABCPZRL Datasheet HTML 61Page - Analog Devices AD9142ABCPZRL Datasheet HTML 62Page - Analog Devices AD9142ABCPZRL Datasheet HTML 63Page - Analog Devices AD9142ABCPZRL Datasheet HTML 64Page - Analog Devices AD9142ABCPZRL Datasheet HTML 65Page - Analog Devices AD9142ABCPZRL Datasheet HTML 66Page - Analog Devices AD9142ABCPZRL Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
AD9142A
Data Sheet
INTERPOLATION CONTROL REGISTER
Address: 0x28, Reset: 0x00, Name: INTERPOLATION_CTRL
Table 63. Bit Descriptions for INTERPOLATION_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[1:0]
INTERPOLATION_MODE
Interpolation rate and mode selection.
0x0
RW
00
2× Mode; use HB1 filter.
10
4× mode; use HB1 and HB2 filters.
11
8× mode; use all three filters (HB1, HB2, and HB3).
OVER THRESHOLD CONTROL 0 REGISTER
Address: 0x29, Reset: 0x00, Name: OVER_THRESHOLD_CTRL0
Table 64. Bit Descriptions for OVER_THRESHOLD_CTRL0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
THRESHOLD_LEVEL_REQUEST_LSB
These bits, along with Bits[4:0] in Register 0x2A, set the
minimum average input power (I2 + Q2) to trigger the
input power protection function.
0x0
RW
OVER THRESHOLD CONTROL 1 REGISTER
Address: 0x2A, Reset: 0x00, Name: OVER_THRESHOLD_CTRL1
Table 65. Bit Descriptions for OVER_THRESHOLD_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[4:0]
THRESHOLD_LEVEL_REQUEST_MSB
These bits, along with Bits[7:0] in Register 0x29, set the
minimum average input power (I2 + Q2) to trigger the
input power protection function.
0x00
RW
OVER THRESHOLD CONTROL 2 REGISTER
Address: 0x2B, Reset: 0x00, Name: OVER_THRESHOLD_CTRL2
Table 66. Bit Descriptions for OVER_THRESHOLD_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
7
ENABLE_PROTECTION
Enable input power protection.
0x0
RW
6
IQ_DATA_SWAP
Swap I and Q data in average power calculation.
0x0
RW
[3:0]
SAMPLE_WINDOW_LENGTH
Number of data input samples for power averaging.
0x0
RW
0000
512 IQ data sample pairs.
0001
1024 IQ data sample pairs.
…
1010
219 IQ data sample pairs.
1011 to
1111
invalid.
INPUT POWER READBACK LSB REGISTER
Address: 0x2C, Reset: 0x00, Name: INPUT_POWER_READBACK_LSB
Table 67. Bit Descriptions for INPUT_POWER_READBACK_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
INPUT_POWER_READBACK_LSB
These bits, along with Bits[4:0] in Register 0x2D, set the
input signal average power readback.
0x0
R
Rev. A | Page 62 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com