Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 20Page - National Semiconductor (TI) PC87570 Datasheet HTML 21Page - National Semiconductor (TI) PC87570 Datasheet HTML 22Page - National Semiconductor (TI) PC87570 Datasheet HTML 23Page - National Semiconductor (TI) PC87570 Datasheet HTML 24Page - National Semiconductor (TI) PC87570 Datasheet HTML 25Page - National Semiconductor (TI) PC87570 Datasheet HTML 26Page - National Semiconductor (TI) PC87570 Datasheet HTML 27Page - National Semiconductor (TI) PC87570 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 168 page
background image
Signal/Pin Connection and Description
24
www.national.com
KBSIN7-0
27-34
29-36
CMOSS-PU
-
Internal Keyboard Input scan lines
KBSOUT15-0
35-50
37-42,
47-56
-
OD
Internal Keyboard Output scan lines
PA6-0
121, 120,
9, 8,
149, 148,
143,
135, 130,
11, 10,
163, 162,
157
TTL-PU
CM-PU
Port A, bits 0 through 6
PB7-0
72-65
78-71
TTL-PU
CM-PU
Port B, bits 0 through 7
PC2-0
57-55
63-61
TTL-PU
CMHD1-PU
Port C, bits 0 through 2 high drive output buffers
PC7-3
64-62, 59, 58 70-68, 65, 64 TTL-PU
CM-PU
Port C, bits 3 through 7
PD7-0
84, 83, 80-75 94, 93, 86-81 TTL
-
Port D, bits 0 through 7, input port only
PE1,0
122, 10
136, 12
TTL-PU
CM-PU
Port E, bits 0 through 1
PF7-0
138-131
152-145
TTL
CM
Port F, bits 0 through 7
PFAIL
73
79
CMOSS
-
Power
Fail.
Non-maskable
interrupt
input
detected
PFS
91
101
-
CM
Pipe Flow Status signal
PG4-0
103, 96,
97, 119,
100
113, 106,
107, 129,
110
TTL
CM
Port G, bits 0 through 4
PH5-0
89-94
99-104
TTL
CM
Port H, bits 0 through 5
PLI
90
100
-
CM
Pipe Long Instruction signal
PSCLK11
52
58
TTL-PU
CMHD1-PU1 PS/2 Channel 1 Clock signal
PSCLK21
54
60
TTL-PU
CMHD1-PU1 PS/2 Channel 2 Clock signal
PSCLK31
64
70
TTL-PU
CMHD1-PU1 PS/2 Channel 3 Clock signal
PSDAT11
51
57
TTL-PU
CMHD1-PU1 PS/2 Channel 1 Data signal
PSDAT21
53
59
TTL-PU
CMHD1-PU1 PS/2 Channel 2 Data signal
PSDAT31
63
69
TTL-PU
CMHD1-PU1 PS/2 Channel 2 Data signal
RD
101
111
-
CMHD
Read control signal. May be used as Output
Enable.
RING
65
71
CMOSS
-
Advanced Power Control Ring detect and wake-
up input
SCL
66
72
CMOSS-PU
OD-PU
ACCESS.bus Serial Clock signal
SDA
67
73
CMOSS-PU
OD-PU
ACCESS.bus Serial Data signal
SEL0
95
105
-
CM
Zone Select 0. Chip-select signal for the Exter-
nal Memory.
SEL1
96
106
-
CM
Zone Select 1. Used to select the off-chip Base
Memory.
SELIO
100
110
-
CM
I/O Expansion chip-select signal
SHBM
122
136
STRAP
-
Shared host BIOS Memory. Enable when 0
SWIN
72
78
STRAP
-
On switch to the MIWU and ICU
TA
68
74
TTL
CM
Timer pin A
Signal
Pin Number
Buffer Type
Function
160-pin
176-pin
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com