Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 41Page - National Semiconductor (TI) PC87570 Datasheet HTML 42Page - National Semiconductor (TI) PC87570 Datasheet HTML 43Page - National Semiconductor (TI) PC87570 Datasheet HTML 44Page - National Semiconductor (TI) PC87570 Datasheet HTML 45Page - National Semiconductor (TI) PC87570 Datasheet HTML 46Page - National Semiconductor (TI) PC87570 Datasheet HTML 47Page - National Semiconductor (TI) PC87570 Datasheet HTML 48Page - National Semiconductor (TI) PC87570 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 168 page
background image
Bus Interface Unit (BIU)
45
www.national.com
3.5
BIU REGISTERS
3.5.1
BIU Configuration Register (BCFG)
The BCFG Register is a byte-wide, read/write register that
controls the configuration of common features to all zones.
On reset, BCFG is initialized to 07h.
Bit 0 - Early Write or Late Write (EWR)
0: Late Write
1: Early Write
Bit 1 - Observability (OBR)
Address and Status Observability of Internal Accesses.
0: Address and status of internal accesses are not
observable. No toggle of external buses.
1: Address and status of internal accesses are ob-
servable. External buses toggle.
3.5.2
I/O Zone Configuration Register (IOCFG)
The IOCFG Register is a word-wide, read/write register that
controls the configuration of the I/O zone. On reset, IOCFG
is initialized to 069Fh.
Bits 2-0 - WAIT
Number of TIW clock cycles that extend the bus cycle.
000: None
001: One
010: Two
011: Three
100: Four
101: Five
110: Six
111: Seven
Bits 4,3 - HOLD
Number of Thold clock cycles.
00: None
01: One
10: Two
11: Three
Bit 7 - Bus Width (BW)
BW defines the external bus-width used for the I/O
zone. Bus width is initialized during reset to its default
value.
0: 8-bit bus
1: 16-bit bus (default)
Bit 9 - Post Idle (IPST)
An idle cycle follows the current bus cycle, when the
next bus cycle is in a different zone
.
0: No idle cycle inserted
1: Idle cycle inserted
3.5.3
Static Zone Configuration Register (SZCFGn)
The SZCFGn Register (where n = 0 or 1) is a word-wide,
read/write register that controls the configuration of zone n.
On reset, SZCFGn is initialized to 069Fh.
Bits 2-0 - WAIT
Number of TIW clock cycles that extend the bus cycle.
000: None
001: One
010: Two
011: Three
100: Four
101: Five
110: Six
111: Seven
These bits are ignored when SZCFGn.FRE bit is 1.
Bits 4,3 - HOLD
Number of Thold clock cycles.
00: None
01: One
10: Two
11: Three
These bits are ignored when SZCFGn.FRE bit is 1.
Bit 5 - Burst Read Enable (BRE)
0: Disabled
1: Enabled
This bit is ignored when SZCFGn.FRE bit is 1.
Bit 6 - Wait on Burst Read WBR)
WBR determines if a wait state is added on Burst Read
transaction.
0: No TBW on burst read cycles
1: TBW on burst read cycles
This bit is ignored when SZCFGn.FRE bit is 1 or when
SZCFGn.BRE is 0.
Bit 7 - Bus Width (BW)
BW defines the width of the external bus used for the
zone. BW is initialized during reset to its default value.
0: 8-bit bus
1: 16-bit bus (default)
7
2
1
0
Reserved
OBR
EWR
15
10
9
8
Reserved
IPST
Res
7
6
5 4
3 2
0
BW
Reserved
HOLD
WAIT
15
12
11
10
9
8
Reserved
FRE
IPRE
IPST
Res
7654
3
2
0
BW
WBR
BRE
HOLD
WAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com