Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 71Page - National Semiconductor (TI) PC87570 Datasheet HTML 72Page - National Semiconductor (TI) PC87570 Datasheet HTML 73Page - National Semiconductor (TI) PC87570 Datasheet HTML 74Page - National Semiconductor (TI) PC87570 Datasheet HTML 75Page - National Semiconductor (TI) PC87570 Datasheet HTML 76Page - National Semiconductor (TI) PC87570 Datasheet HTML 77Page - National Semiconductor (TI) PC87570 Datasheet HTML 78Page - National Semiconductor (TI) PC87570 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 168 page
background image
Real-Time Clock (RTC) and Advanced Power Control (APC)
75
www.national.com
Table 6-8. Bank 1 Register Memory Map
Table 6-9. Bank 2 Register Memory Map
Offset
Register
Format
Value
Type
Function
BCD
Binary
Power-On
Reset
00h-
3Fh
All banks share the first
14 RTC registers and
the first 50 RTC RAM
bytes.
40h-
47h
Reserved. Writes have
no effect and reads
return 00h
48h
Century
00-99
00-63
00h
R/W
49h-
4Fh
Reserved
50h
Upper RAM
Address Port
R/W
Bits 6-0: Address of the
upper 128 RAM bytes
Bit 7: Reserved
51h-
52h
Reserved
53h
Upper RAM
Data Port
R/W
Accesses the byte
pointed by the Upper
RAM Address Port
54h-
7Fh
Reserved
Offset
Register
Format
Value
Type
Function
BCD
Binary
Power-On
Reset
00h -
3Fh
All banks share the first
14 RTC registers and
the first 50 RTC RAM
bytes.
40h
APCR1
00h
R/W
See Section 6.6.1
41h
APCR2
00h
R/W
See Section 6.6.2
42h
APSR
x1000001b
Read
only
See Section 6.6.3
43h
Wake-up
Day of Week
01-07
01-07
R/W
Sunday = 1
44h
Wake-up
Date of Month
01-31
01-1F
R/W
45h
Wake-up Month
01-12
01-0C
R/W
46h
Wake-up Year
00-99
00-63
R/W
47h
RAM Lock
00h initialized
also on warm
reset and when
SIBST1.RTCMR=1
R/W
48h
Wake-up
Century
00-99
00-63
R/W
49h-
7Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com