Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87570 Datasheet HTML 1Page - National Semiconductor (TI) PC87570 Datasheet HTML 2Page - National Semiconductor (TI) PC87570 Datasheet HTML 3Page - National Semiconductor (TI) PC87570 Datasheet HTML 4Page - National Semiconductor (TI) PC87570 Datasheet HTML 5Page - National Semiconductor (TI) PC87570 Datasheet HTML 6Page - National Semiconductor (TI) PC87570 Datasheet HTML 7Page - National Semiconductor (TI) PC87570 Datasheet HTML 8Page - National Semiconductor (TI) PC87570 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 168 page
background image
2
Highlights
www.national.com
Features
• CR16A Core
— 16-bit embedded RISC processor core
• Bus Interface Unit (BIU)
— Three address zones for static devices (SRAM,
ROM FLASH, I/O)
— Configurable wait states and fast read bus cycles
• Internal Memory
— 2048 bytes of on-chip ROM
— 1024 bytes of on-chip RAM
— All memories can hold both code and data
• External Memory
— Supports BIOS memory (Flash) sharing with PC host
— Up to 56 Kbyte for code and data
— Field upgradable with Flash or SRAM devices
— Supports host controlled code download and update
• Host Bus Interface (HBI)
— Three host interface channels, typically used for the
KBC, PM and RTC devices
— Motherboard Plug and Play (PnP) configuration
o
With Enable and Lock bits for each device
o
Relocatable address for each device
— Host power supply indicator input pin
— 8042 KBC standard Interface (60h, 64h)
— Intel 80C51SL compatible
— IRQ1 and IRQ12 support
— Fast Gate A20 and Fast host Reset, via firmware
— PM interface port (62h, 66h)
— PM port IRQ11
• Real-Time Clock (RTC) and Advanced Power Control
(APC)
— RTC
o
DS1287, MC146818 and PC87911 compatible
o
242 bytes battery backed-up CMOS RAM
o
Calendar including century and automatic leap-
year adjustment
o
Optional daylight saving adjustment
o
BCD or binary format for timekeeping
o
Three individually maskable interrupt event
flags: periodic rates from 122
µs to 500 ms; time-
of-day alarm, once per second to once per day
o
Separate backup battery pin
o
Double buffer time registers
o
The CMOS RAM and the RTC registers can be
accessed by the CR16A firmware
— APC
o
Alarm wake-up
o
Hardware wake-up events
o
Software off events
• HFCG
— On-chip frequency multiplier
— Single 32.786KHz crystal
— Software controlled frequency generation
• PMC
— 3.3 and 5V operation with mixed voltage system
support
— Reduced power consumption capability
— Back-drive protection
— Three power modes, switched by software or hard-
ware:
o
Active mode operating frequency 4-10MHz
o
Idle (20
µA)
o
Power Off - RTC only (0.9
µA typical) from back-
up battery
— Automatic wake-up on system events
• ICU
— 16 maskable interrupt sources
— Four general purpose external interrupt inputs
— Programmable trigger mode (level: high or low,
edge: falling or rising)
— Enable and pending indication for each interrupt
— Non-maskable interrupt input
• MIWU
— Supports up to 24 wake-up or interrupt inputs
— Generates wake-up to PMC
— Generates interrupts to ICU
— Provides user-selectable trigger conditions
• GPIO
— 76 ports
— I/O pins individually configured as input or output
— Configurable internal pull-up resistors
— Special ports for internal keyboard matrix scanning
o
16 open-collector outputs
o
8 Schmidt inputs with internal pull-up
— Special input for system On/Off switch
— Supports very low-cost implementation of additional
off-chip I/O ports
• PS/2 Interface
— Supports three independent devices (external KBC,
mouse and additional pointing device)
— Supports byte level handling via hardware accelerator
• ACB Interface
— Intel SMBus and Philips I2C® compatible
— ACCESS.bus master and slave
— Supports polling and interrupt controlled operation
— Generates a wake-up signal on detection of a Start
Condition, while in power-down mode
— Optional internal pull-up on SDA and SCL pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com