Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87570 Datasheet HTML 1Page - National Semiconductor (TI) PC87570 Datasheet HTML 2Page - National Semiconductor (TI) PC87570 Datasheet HTML 3Page - National Semiconductor (TI) PC87570 Datasheet HTML 4Page - National Semiconductor (TI) PC87570 Datasheet HTML 5Page - National Semiconductor (TI) PC87570 Datasheet HTML 6Page - National Semiconductor (TI) PC87570 Datasheet HTML 7Page - National Semiconductor (TI) PC87570 Datasheet HTML 8Page - National Semiconductor (TI) PC87570 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 168 page
background image
1
- January 1998
www.national.com
© 1998 National Semiconductor Corporation
PRELIMINARY
April 1998
PC87570 Keyboard and Power Management Controller
Highlights
General Description
The PC87570 is a highly integrated embedded RISC-based
controller optimized for power management (PM), keyboard
and mouse (KBC) and system control in portable Personal
Computer (PC) applications.
The PC87570 incorporates National’s CompactRISC
™
CR16A core, a high performance 16-bit RISC processor
core, a Bus Interface Unit (BIU) that directly interfaces with
memory and I/O devices, on-chip memory and system sup-
port functions. Among these are legacy functions, handled
by the Host Bus Interface (HBI), that include the Real-Time
Clock and Advanced Power Control (RTC and APC), and
peripherals, including: frequency-multiplier-based High Fre-
quency Clock Generator (HFCG), Power Mode Control
(PMC), Interrupt Control Unit (ICU), Multi-Input Wake-Up
(MIWU), General Purpose I/O Ports (GPIO) with internal
keyboard matrix scanning, PS/2® Interface, ACCESS.bus®
(ACB) Interface, two Multi-Function 16-Bit Timers (MFT16),
periodic interrupt timer and WATCHDOG
™ (TWD), ADC
and DAC.
The PC87570 highly efficient architecture and its on-chip
peripherals, supporting functions and low power consump-
tion, provide a highly integrated solution for portable note-
book PCs, sub-notebook PCs and other portable devices.
Outstanding Features
q
Shared BIOS memory
q
Fully ACPI-compliant embedded controller
q
Proprietary PS/2 shift mechanism
q
Extremely low current consumption in Idle mode
q
Support for a variety of off-chip wake-up sources
q
Scalable design for growth without controller upgrade
Block Diagram
Core Bus
Peripheral Bus
Bus
KBC + PM
Host I/F
RTC +
Processing
Unit
HBI
Host Bus
APC
Host
Config
RAM
Memory
External
BIU
CR16A Core
32.768
ICU
HFCG
PMC
ADC
KBSCAN
ACB
GPIO
WDG
Peripherals
Legacy
ROM
MIWU
IBM®, PC-AT® and PS/2® are registered trademarks of International Business Machines Corporation.
CompactRISCTM, WATCHDOGTM and TRI-STATE® are trademarks of National Semiconductor Corporation.
ACCESS.bus® is a registered trademark of Digital Equipment Corporation.
I2C® is a registered trademark of Philips.
Memory
(ISA Compatible)
MFT16
Timer +
KHz
Adapter
PS/2
I/F
I/F
CLK
DAC
+ I/O
(X2)


Similar Part No. - PC87570

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC875 SHARP-PC875 Datasheet
100Kb / 6P
High Sensitivity, Low Collector Dark Current, High Collector-emitter Voltage Type Photocoupler
logo
National Semiconductor ...
PC87591E NSC-PC87591E Datasheet
4Mb / 437P
LPC Mobile Embedded Controllers
PC87591E-VLB NSC-PC87591E-VLB Datasheet
4Mb / 437P
LPC Mobile Embedded Controllers
PC87591E-VPC NSC-PC87591E-VPC Datasheet
4Mb / 437P
LPC Mobile Embedded Controllers
PC87591L NSC-PC87591L Datasheet
4Mb / 437P
LPC Mobile Embedded Controllers
More results

Similar Description - PC87570

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C51SL-BG INTEL-80C51SL-BG Datasheet
2Mb / 30P
KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
NT6868A ETC-NT6868A Datasheet
205Kb / 14P
Keyboard Controller
NT6880 ETC-NT6880 Datasheet
289Kb / 13P
Keyboard Controller
logo
SMSC Corporation
FDC37N972 SMSC-FDC37N972 Datasheet
1Mb / 390P
Advanced Notebook I/O Controller with Enhanced Keyboard Control and System Management
logo
List of Unclassifed Man...
NT6868C ETC-NT6868C Datasheet
211Kb / 15P
Keyboard Controller
logo
Winbond
W83C43 WINBOND-W83C43 Datasheet
264Kb / 21P
KEYBOARD CONTROLLER
W83C42 WINBOND-W83C42 Datasheet
92Kb / 15P
KEYBOARD CONTROLLER
W83L951DG WINBOND-W83L951DG Datasheet
984Kb / 112P
Mobile Keyboard and Embedded Controller
W83L951ADG WINBOND-W83L951ADG Datasheet
1Mb / 134P
Mobile Keyboard and Embedded Controller
logo
List of Unclassifed Man...
SI3480 ETC2-SI3480 Datasheet
139Kb / 14P
POWER MANAGEMENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com