Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 69Page - National Semiconductor (TI) PC87570 Datasheet HTML 70Page - National Semiconductor (TI) PC87570 Datasheet HTML 71Page - National Semiconductor (TI) PC87570 Datasheet HTML 72Page - National Semiconductor (TI) PC87570 Datasheet HTML 73Page - National Semiconductor (TI) PC87570 Datasheet HTML 74Page - National Semiconductor (TI) PC87570 Datasheet HTML 75Page - National Semiconductor (TI) PC87570 Datasheet HTML 76Page - National Semiconductor (TI) PC87570 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 168 page
background image
Real-Time Clock (RTC) and Advanced Power Control (APC)
73
www.national.com
6.6.1
APC Control Register 1 (APCR1)
Bits 4-0 - Reserved
Bit 5 - Software Off Command (SOC)
This bit is write-only and non-sticky. Read returns 0.
0: Ignored
1: APC-OFF interrupt signal generated
Bit 6 - Reserved
Bit 7 - Power Off (PF)
This bit is set to 1 when RTC/APC switches from VCC to
VBAT. Cleared to 0 by writing 1 to this bit. Writing 0 to this
bit has no effect.
6.6.2
APC Control Register 2 (APCR2)
Bit 0 - Time Match Enable (TME)
0: Pre-determined date or time event ignored
1: APC-ON interrupt generated on a match between
the RTC and the pre-determined date or time
Bit 1 - Reserved
Bit 2 - RING Pulse or Train Detection Mode (RPTDM)
0: RING pulse falling edge detected
1: RING pulse train > 16 Hz for 0.19 s
Bit 3 - RING Enable (RE)
0:
RING input signal ignored
1: APC-ON interrupt generated on RING detection
Bits 7-4 - Reserved
6.6.3
APC Status Register (APSR)
The bits in this register that detect events are cleared to 0
when this register is read.
Bit 0 - Timer Match Detect (TMD)
This bit is set to 1 when the RTC reaches the pre-deter-
mined date, regardless of the value of the TME bit (bit 0
of APCR2).
Bit 1 - RING Detect (RID)
This bit is set to 1 when a RING pulse or RING pulse
train is detected on the RING input pin, regardless of the
value of the RE bit (bit 3 of APCR2).
Bits 6-2 - Reserved
Bit 7 - RING Status (RS)
Holds the instantaneous value of the RING pin.
6.6.4
RAM Lock Register (RLR)
Once a non-reserved bit is set to 1, it can be cleared only by
a hardware (HMR pin) reset.
Bits 2-0 - Reserved
Bit 3 - Upper RAM Block (URB)
Controls access to the upper 128 RAM bytes, accessed
via the Upper RAM Address and Data Ports of Bank 1
0: No effect on upper RAM access
1: Upper RAM Data Port of Bank 1 blocked; writes are
ignored and reads return FFh
Bit 4 - RAM Block Read (RBR)
This bit controls reads from Upper RAM bytes 00h-1Fh.
0: No effect on upper RAM access
1: Reads from bytes 00h-1Fh of upper RAM return
FFh
Bit 5 - RAM Block Write (RBW)
This bit controls writes to bytes 00h-1Fh of upper RAM.
0: No effect on upper RAM access
1: Writes to bytes 00h-1Fh of upper RAM ignored
Bit 6 - RAM Mask Write (RMW)
This bit controls writes to all RTC RAM.
0: No effect on RAM access
1: Writes to bytes 0Eh-3Fh of all banks, bytes 40h-
7Fh of Bank 0 and to all upper RAM ignored
Bit 7 - RAM Lock (RL)
0: No effect on RAM access
1: Read and write to locations 38h-3Fh of all bank
blocked; writes ignored and reads return FFh.
7
6
5
4
0
PF
Res
SOC
Reserved
7
4
3210
Reserved
RE
RPTDM
Res
TME
7
6
2
1
0
RS
Reserved
RID
TMD
76543
2
0
RL
RMW
RBW
RBR
URB
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com