Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 27Page - National Semiconductor (TI) PC87570 Datasheet HTML 28Page - National Semiconductor (TI) PC87570 Datasheet HTML 29Page - National Semiconductor (TI) PC87570 Datasheet HTML 30Page - National Semiconductor (TI) PC87570 Datasheet HTML 31Page - National Semiconductor (TI) PC87570 Datasheet HTML 32Page - National Semiconductor (TI) PC87570 Datasheet HTML 33Page - National Semiconductor (TI) PC87570 Datasheet HTML 34Page - National Semiconductor (TI) PC87570 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 168 page
background image
Signal/Pin Connection and Description
31
www.national.com
2.8.1
Accessing Base Memory
Base Memory Configuration
The environment setting controls the use of on-chip Base
Memory (ROM), or off-chip Base Memory. In all cases, the
memory access parameters (i.e., the number of wait and
hold cycles) are as defined for zone1 of the BIU.
On-Chip Base Memory
In IRE environment, on-chip ROM is used as Base Memory,
as shown in Figure 2-2. To maximize on-chip ROM perfor-
mance, configure the BIU as described in Section 3.6 on
page 46.
Off-Chip Base Memory
In IRD and Dev environments (when on-chip ROM is not
available), the code and constant data are stored in off-chip
Base Memory. This off-chip Base Memory has 64 Kbytes of
address space (10000h - 1FFFFh). The first 56 Kbyte are
also shadowed to address (00000h - 0DFFFh), when
MCFG.SHOFF=0. Off-chip accesses to this memory zone
are indicated by the SEL1 output.
Figure 2-3 illustrates how off-chip Base Memory is
mapped to the PC87570’s address space.
Table 2-6. PC87570 Memory Map
1. See Section 2.8.1 for details.
2. See Section 2.8.2 for details.
3. When MCFG.A15E = 1; otherwise reserved.
4. See Appendix A on page 156 for details of the implemented registers.
PC87570
CS
A0-18
D0-7
ROMOE
MEMWR
ROMCS
SHBM
A0-18
SEL0
D0-7
A0-18
D0-7
HA0-18
IORD
IOWR
HD0-7
IORD
IOWR
MEMRD
MEMWR
MEMCS
HAEN
AEN
HIOCHRDY
IOCHRDY
Figure 2-1. Sharing PC87570 Program Memory and BIOS Flash Memory
RD
RD
WR
WR0
BIOS
Flash
Memory
Address
Size
(Bytes)
Description
Environment
Shadow On1
Shadow Off 2
00000h
− 007FFh
2K
Base Memory
External Memory
IRE
00800h
− 07FFFh
30K
Reserved
08000h
− 0DFFFh
24K
External Memory 3
00000h
− 0DFFFh
56K
Base Memory
External Memory
IRD, Dev
0E000h - 0EFFFh
4K
Reserved
All
0F000h
− 0F3FFh
1K
System RAM
0F400h - 0F8FFh
1280
Reserved
0F900h - 0F90Ah
11
HBI
0F90Bh - oF97Fh
117
Reserved
0F980h
− 0F98Fh
16
BIU Registers4
0F990h - 0FAFFh
368
Reserved
0FB00h
− 0FBFFh
256
I/O Expansion
0FC00h
− 0FFFFh
1K
On-chip modules registers4
10000h
− 107FFh
2K
Base Memory
IRE
10800h
− 1FFFFh
62K
Reserved
10000h
− 1FFFFh
64K
Base Memory
IRD, Dev
20000h
− 3FFFFh
128K
Reserved
All



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com