Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 55Page - National Semiconductor (TI) PC87570 Datasheet HTML 56Page - National Semiconductor (TI) PC87570 Datasheet HTML 57Page - National Semiconductor (TI) PC87570 Datasheet HTML 58Page - National Semiconductor (TI) PC87570 Datasheet HTML 59Page - National Semiconductor (TI) PC87570 Datasheet HTML 60Page - National Semiconductor (TI) PC87570 Datasheet HTML 61Page - National Semiconductor (TI) PC87570 Datasheet HTML 62Page - National Semiconductor (TI) PC87570 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 168 page
background image
Host Bus Interface (HBI)
59
http://www.national.com
may load it with an address and lock it against any fur-
ther writes. This guarantees that the address does not
change due to a software bug.
The initiation key contains a series of 32 values. The
first 30 values match 30 values that the LFSR Register
generates, starting from 6Ah. To avoid conflict with oth-
er devices that use PnP ISA Specification 1.0a, the last
two values must be 00h.
The values in the initiation key, in hexadecimal notation,
reading from left to right and top to bottom, must be:
6A, B5, DA, ED, F6, FB, 7D, BE,
DF, 6F, 37, 1B, 0D, 86, C3, 61,
B0, 58, 2C, 16, 8B, 45, A2, D1,
E8, 74, 3A, 9D, CE, E7, 00, 00.
If the sequence is successfully completed, the PC87570
enables the configuration base address update.
If any of the write operations in this sequence do not
match, the enable process is stopped and the hardware
resets the LFSR Register to its initial value (step 1). The
following two write operations define the FFD Configu-
ration Register Base Address, SBAH and SBAL, in that
order.
Shift Direction
1
Shift Clock
Preset Control
Preset Value = 6Ah
Key Output
Figure 5-6. Initiation Key Generation (LFSR)
2
3
4
5
6
7
0
I/O Write
Reset or
Error
Detection
Reset
Wait for key
Is this
the first value
of the key?
Save the address
Wait for the
next value of
the key
Is this
the next value
in the key?
Is this
the last value
in the key?
SBAH
update mode
Update SBAH with
the data
SBAL
update mode
Update SBAL with
the data
Index and Data
Registers are
accessible
Reset signal inactive
I/O write to the saved
I/O write to the saved
I/O write to the saved
Any
End
No
Any other I/O
No
transaction
Any other I/O
transaction
Any other I/O
transaction
Yes
No
Yes
Yes
other
I/O
transaction
Figure 5-7. Initialization Sequence
address
address
address
I/O Write to
0279h, 03F0h or 03BDh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com