Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 84Page - National Semiconductor (TI) PC87570 Datasheet HTML 85Page - National Semiconductor (TI) PC87570 Datasheet HTML 86Page - National Semiconductor (TI) PC87570 Datasheet HTML 87Page - National Semiconductor (TI) PC87570 Datasheet HTML 88Page - National Semiconductor (TI) PC87570 Datasheet HTML 89Page - National Semiconductor (TI) PC87570 Datasheet HTML 90Page - National Semiconductor (TI) PC87570 Datasheet HTML 91Page - National Semiconductor (TI) PC87570 Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 168 page
background image
General Purpose I/O (GPIO) Ports
88
www.national.com
11.0 General Purpose I/O (GPIO) Ports
The PC87570 provides up to 76 GPIO pins. Some GPIO
signals share their pins with an alternate function (see Sec-
tion 2.5 on page 27).
11.1 FEATURES
The GPIO ports are subdivided into the following groups,
each with its own unique set of features:
q
Ports PA(0-6), PB(0-7), PC(0-7) and PE(0-1) are on-
chip bidirectional (I/O) ports that support GPIO alter-
nate functions and an internal weak pull-up. The fol-
lowing exceptions apply:
— PA has no PxALT register. Its alternate function is
controlled by a strap option.
— PBALT.6 is always 1, i.e., configured for its alternate
function.
— PBDIR.5 and PBDOUT.5 are set on reset, configur-
ing bit 5 to be output with data set. PBALT.5 must al-
ways be set to 0.
— Port PC is initialized on power-up and WATCHDOG
reset only. It is unchanged after Warm reset.
q
Ports PF(0-7), PG(0-4) and PH(0-5) are bidirectional
(I/O) ports that support GPIO alternate functions but
do not have an internal weak pull-up option.
q
Port PD(0-7) is on-chip input only.
q
Port KBSIN0-7 is an on-chip input port dedicated to
the keyboard scan with weak pull-up support.
q
Port KBSOUT0-15 is an on-chip output port dedicated
to the keyboard scan.
Figure 11-1 illustrates a GPIO port diagram which includes
all available features.
11.2 FUNCTIONAL DESCRIPTION
11.2.1
Output Buffer
The output buffer is a TRI-STATE buffer. The output type
(i.e., CMOS or TTL) and its driving capabilities are de-
scribed in Table 19-7 on page 135.
11.2.2
Input Buffer
The I/O port input buffer characteristics are defined in Table
19-7 on page 135.
The input buffer has an enable input. When enabled, the
buffer inputs the pin’s logic level to the on-chip modules.
When disabled, the input is blocked to prevent supply leak-
age currents.
11.2.3
Open Drain
To use the GPIO pin as an inverting open-drain output buff-
er, the software should clear the corresponding bit in the
Data Out (PxDOUT) register, and then use the direction
register to set the value to the port pin.
q
When the signal’s direction is set as output (1), a val-
ue of 0 is forced.
q
When the direction is set for input (0), the signal is in
TRI-STATE and is not forced low.
11.2.4
Weak Pull-Up
The internal weak pull-up can be used to pull-the signal high
when it is not forced low, by writing (1) to the corresponding
bit of PxWPU. Pull-up characteristics are defined in Table
19-7 on page 135.
PIN
Direction
Register
Direction
Register
Weak Pull-up
Register
Data In Register
Data Out
Alt Device Data Output
Alt
Alt Device Direction
Alt Device Data Input
Data In Read
Pull-up
Weak Pull-up
Alt Function
Register
PxAlt
(PxWPU)
(PxDIR)
(PxDOUT)
PxDIN
Alt
Figure 11-1. GPIO Port Schematic Diagram
Data Out
{
{
{
{
1
Signal
Alt
Alt
Px = Any GPI port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com