Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 17Page - National Semiconductor (TI) PC87570 Datasheet HTML 18Page - National Semiconductor (TI) PC87570 Datasheet HTML 19Page - National Semiconductor (TI) PC87570 Datasheet HTML 20Page - National Semiconductor (TI) PC87570 Datasheet HTML 21Page - National Semiconductor (TI) PC87570 Datasheet HTML 22Page - National Semiconductor (TI) PC87570 Datasheet HTML 23Page - National Semiconductor (TI) PC87570 Datasheet HTML 24Page - National Semiconductor (TI) PC87570 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 168 page
background image
Signal/Pin Connection and Description
21
www.national.com
2.2
SIGNAL/PIN DESCRIPTIONS
Refer to Table 2-2 for an alphabetical listing of all PC87570 signals and pins, as well as brief descriptions. The following
abbreviations are used in the Type column in this table.
Table 2-1. Type Symbols
Table 2-2. PC87570 Signals
Symbol
Description
DC Characteristics
TTL
Input, TTL compatible
See Table 19-7 on page 135.
CMOSS
Input, CMOS with Schmidt Trigger
See Table 19-7 on page 135.
STRAP
Input with Schmidt characteristics and an internal
pull-down resistor, typically used for strap signals
See Table 19-7 on page 135.
CM
Output, CMOS buffer
See Table 19-7 on page 135.
CMHD1
Output, CMOS buffer with high drive type 1
See Table 19-7 on page 135.
CMHD2
Output, CMOS buffer with high drive type 2
See Table 19-7 on page 135.
OD
Output, Open-Drain
See Table 19-7 on page 135.
OD2
Output, Open-Drain with high drive type 2
See Table 19-7 on page 135.
PU
Weak pull-up capability (on input or output pin)
See Table 19-7 on page 135.
OSCIN
Oscillator input [not characterized]
OSCOUT
Oscillator output [not characterized]
ANIN
Analog input signal
See Table 19-5 on page 134.
ANOUT
Analog output signal
See Table 19-6 on page 134.
Signal
Pin Number
Buffer Type
Function
160-pin
176-pin
Input
Output
32KCLKIN
23
25
TTL
-
32.768 KHz Oscillator Clock Input..
32KX1
23
25
OSCIN
32.768 KHz Crystal Interface, input to oscillator.
32KX2
25
27
-
OSCOUT
32.768 KHz Crystal Oscillator Interface output
to crystal. See Figure 6-1 on page 65.
A18-0
122-104
136, 135,
130-114
-
CM
Address A18 through A0. CR16A address to
external memory. A16-A17 should not be pulled
up during power-up since include special test
features.
AD7-0
84, 83,
80-75
95, 94,
86-81
ANIN
-
Analog Inputs of the A/D converter
AGND
82
92
N/A
N/A
Analog Ground, for ADC and DAC.
AVCC
81
91
N/A
N/A
Analog 5V or 3.3V power supply.
BE1,0
118, 117
128, 127
-
CM
Byte Enable bits 1 and 0 on monitor bus cycles.
BST2-0
92-94
102-104
-
CM
Bus Status bits 2-0 on monitor bus cycles.
When in DEV environment, these pins allows
monitoring of the external bus cycles. When
BCFG.OBR is also set, the internal bus cycles
are also visible outside. See also Table 2-5 on
page 27.
CBRD
119
129
-
CM
Core Bus Read Status on monitor bus cycles.
Available in all modes. See Table 2-5 on
page 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com