Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 91Page - National Semiconductor (TI) PC87570 Datasheet HTML 92Page - National Semiconductor (TI) PC87570 Datasheet HTML 93Page - National Semiconductor (TI) PC87570 Datasheet HTML 94Page - National Semiconductor (TI) PC87570 Datasheet HTML 95Page - National Semiconductor (TI) PC87570 Datasheet HTML 96Page - National Semiconductor (TI) PC87570 Datasheet HTML 97Page - National Semiconductor (TI) PC87570 Datasheet HTML 98Page - National Semiconductor (TI) PC87570 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 168 page
background image
PS/2 Interface
95
www.national.com
The ICU should be programmed to detect a falling edge on
each of the clock signals. Disabling a channel by writing 0
to the clock control signals (CLK1, CLK2 or CLK3) may
cause a falling edge on a clock signal. When such an inter-
rupt is not desired, clear (0) the clock control bit and then
the pending bit in the ICU. This should be done while inter-
rupts are disabled. For more details about the ICU, see Sec-
tion 9.3 on page 82.
12.5 PS/2 INTERFACE REGISTERS
12.5.1
PS/2 Data Register (PSDAT)
The PSDAT Register is a byte wide, read/write register. In
Receive mode, PSDAT holds the data received in the last
message from the PS/2 device. In Transmit mode, the data
to be shifted out is written to this register. When the PS/2 i/f
is reset, the contents of this register become invalid.
On reset, the PS/2 interface is set to Receive mode. In this
mode, the PSDAT should be read only when the
PSTAT.EOT bit is set (1).
Setting the transmit enable bit in the PSCON register to 1
(PSCON.XMT = 1) puts the PS/2 interface in Transmit
mode. The PSDAT should be written only when in Transmit
mode, and all three channel enable bits PSOSIG.CLKi (i in
the range of 1 through 3) are cleared (0).
Bits 7-0 - Data
Contains the data received in the last message (or that
is transmitted in the following transmission). Bit 0 is the
first bit to be shifted (LSB).
12.5.2
PS/2 Status Register (PSTAT)
The PSTAT Register is a byte wide, read only register. It
contains the status information on the data transfer on the
PS/2 ports. All non-reserved bits of PSTAT are cleared (0)
on reset, when the CLK1, CLK2 and CLK3 in PSOSIG are
cleared and when PSCON.EN is cleared. Reading PSTAT
does not clear any of its bits.
Bit 0 - Start of Transaction (SOT)
Indicates that a start bit was detected. ACH field indi-
cates which of the channels it was detected on.
Bit 1 - End of Transaction (EOT)
Indicates that a PS/2 data transfer was completed - a
stop bit was detected at the receive mode or a line con-
trol bit at transmit mode.
Bit 2 - Parity Error (PERR)
Indicates a parity error detection in the last transfer.
Bits 5-3 - Active Channel (ACH)
Defines which of the PS/2 channels is currently active
(i.e., a start bit was detected). In case more than one
channel become active simultaneously, only the one
with the highest priority (lowest number) is flagged.
000 = None of the channels is active
001 = Channel 1
010 = Channel 2
100 = Channel 3
Bit 6 - Receive Frame Error (RFERR)
Indicates that the stop bit in a received frame was de-
tected low instead of high.
12.5.3
PS/2 Control Register (PSCON)
The PSCON Register is an 8-bit read/write register. It con-
trols the operation of the PS/2 interface by enabling it and
controlling the data transfer direction. On reset, PSCON is
set to 00h.
Bit 0 - Shift Mechanism Enable (EN)
When set (1), the hardware shift mechanism is enabled.
The enabled channels are controlled by PSOSIG and
the transmit/receive mode is controlled by the XMT bit.
When cleared (0), the mechanism is disabled and the
software may control and monitor the PS/2 signals using
PSOSIG and PSISIG registers.
Bit 1 - Transmit Enable (XMT)
When set (1), causes the PS/2 interface to enter the
transmit mode. When cleared (0), it is in the receive
mode.
Bits 3-2 - High Drive (HDRV)
The HDRV field defines the quasi-bidirectional buffers’
behavior on the transition from low to high. HDRV de-
fines the period of time for which the output is pulled
high with a low impedance drive (when the PC87570
changes the output level from low to high). This period
is a function of the PC87570 clock as follows:
Bits 6-4 - Input Debounce (IDB)
This IDB field defines the number of PC87570 clock cy-
cles during which the clock input is expected to be sta-
ble before the shift mechanism identifies its new value.
This protects the shift mechanism from false edge de-
tections. The number of PC87570 clock cycles for which
the input should be stable before an edge is detected, is
as follows:
7
0
Data
76
5
3
2
1
0
Res
RFERR
ACH
PERR
EOT
SOT
7
6
4
3
2
1
0
WPUEN
IDB
HDRV
XMT
EN
0 0
Disabled
0 1
low impedance drive for one clock cycle
1 0
low impedance drive for two clock cycle
1 1
low impedance drive for three clock cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com