Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 95Page - National Semiconductor (TI) PC87570 Datasheet HTML 96Page - National Semiconductor (TI) PC87570 Datasheet HTML 97Page - National Semiconductor (TI) PC87570 Datasheet HTML 98Page - National Semiconductor (TI) PC87570 Datasheet HTML 99Page - National Semiconductor (TI) PC87570 Datasheet HTML 100Page - National Semiconductor (TI) PC87570 Datasheet HTML 101Page - National Semiconductor (TI) PC87570 Datasheet HTML 102Page - National Semiconductor (TI) PC87570 Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 168 page
background image
ACCESS.bus (ACB) Interface
99
www.national.com
down the SDA line during the acknowledge clock pulse,
thus signalling the correct reception of the last data byte,
and its readiness to receive the next byte. Figure 13-4 illus-
trates the acknowledge cycle.
13.2.5
“Acknowledge after every byte” Rule
The master generates an acknowledge clock pulse after
each byte transfer. The receiver sends an acknowledge sig-
nal after every byte received.
There are two exceptions to the “acknowledge after every
byte” rule.
1. When the master is the receiver, it must indicate to the
transmitter an end of data by not-acknowledging (“neg-
ative acknowledge”) the last byte clocked out of the
slave. This “negative acknowledge” still includes the ac-
knowledge clock pulse (generated by the master), but
the SDA line is not pulled down.
2. When the receiver is full, otherwise occupied, or a prob-
S
P
Start
Condition
Stop
Condition
SDA
SCL
MSB
ACK
ACK
12 3 - 6
7
8
9
1
2
3 - 8
9
Acknowledgment
Signal From Receiver
Byte Complete
Interrupt Within
Receiver
Clock Line Held
Low by Receiver
While Interrupt
is Serviced
Figure 13-3. ACCESS.bus Data Transaction
S
Start
Condition
SCL
12 3 - 6
7
8
9
Transmitter Stays Off the
Bus During the
Acknowledge Clock
Acknowledge
Signal from Receiver
Figure 13-4. ACCESS.bus Acknowledge Cycle
Data Output
Transmitter
Data Output
Receiver
S
P
Start
Condition
Stop
Condition
SDA
SCL
1 - 7
8
9
1 - 7
8
9
1 - 7
8
9
Address R/W ACK
Data
ACK
Data
ACK
Figure 13-5. A Complete ACCESS.bus Data Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com