Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 52Page - National Semiconductor (TI) PC87570 Datasheet HTML 53Page - National Semiconductor (TI) PC87570 Datasheet HTML 54Page - National Semiconductor (TI) PC87570 Datasheet HTML 55Page - National Semiconductor (TI) PC87570 Datasheet HTML 56Page - National Semiconductor (TI) PC87570 Datasheet HTML 57Page - National Semiconductor (TI) PC87570 Datasheet HTML 58Page - National Semiconductor (TI) PC87570 Datasheet HTML 59Page - National Semiconductor (TI) PC87570 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 168 page
background image
Host Bus Interface (HBI)
56
http://www.national.com
when LKRTCHA in the CST1 Register is set. This register
actually access the Index Register located at host default
address 0070h.
5.12.4
RTC Core Data Register (RTCCD)
The RTCCD Register is a byte-wide, read/write register. A
write to this register writes the RTC Data Register. A read
from this bit reads the RTC Data Register. This register
should be accessed by the PC87570 firmware, only when
LKRTCHA in the CST1 Register is set. This register actually
access the Data Register located at host default address
0071h.
5.12.5
Host PnP Initial Configuration Base Address
Low and High Registers (HCFGBAL/H)
Both HCFGBAL and HCFGBAH are byte-wide, read/write reg-
isters. HCFGBAL holds the least significant byte of a host
motherboard PnP initial configuration address, and HCFG-
BAH holds the most significant byte. The contents of HCFG-
BAH and HCFGBAL do not change during a warm reset
(HMR).
Data written to this register pair can be used to select the
PC87570 during the host motherboard PnP configuration
sequence. Data is considered valid (and is used for address
compare) only when VHCFGA in the CST2 Register is set.
To update the host initial PnP configuration address pro-
ceed as follows:
1. Clear VHCFGA in the CST2 Register.
2. Write the lower byte of the address to HCFGBAL.
3. Write the higher byte of the address to HCFGBAH.
4. After the write to HCFGBAH is completed, the hardware
automatically sets the VHCFGA bit in the CST2 Regis-
ter.
On power-up and WATCHDOG reset, this register is unde-
fined. When HCFGLK in the CST2 Register is set, it locks the
current setting of HCFGBAL and HCFGBAH.
5.12.6
Host Interface Control Register (HICTRL)
The HICTRL Register is a byte wide, read/write register,
used in setting host interface mechanism options. On reset,
non-reserved bits of HICTRL are cleared.
Bit 0 -Output Buffer Full Keyboard Interrupt Enable (OBFKIE)
0: IRQ1 interrupt signal is controlled by IRQ1B bit in
the HIIRQC Register
1: Enables Output Buffer Full interrupt to the keyboard
driver of the host (IRQ1). The interrupt is triggered
by the CR16A write to the HIKDO Register. The in-
terrupt is sent according to IRQM and IRQNPOL
bits in the HIIRQC Register.
Bit 1 - Output Buffer Full Mouse Interrupt Enable (OBFMIE)
0: IRQ12 interrupt signal is controlled by IRQ12B bit in
the HIIRQC Register
1: Enables Output Buffer Full interrupt to the mouse
driver in the host (IRQ12). The interrupt is triggered
by the CR16A write to the HIMDO Register. The in-
terrupt is sent according to IRQM and IRQNPOL
bits in HIIRQC register.
Bit 2 - Output Buffer Empty Core Interrupt Enable (OBECIE)
0: Interrupt signal low
1: Enables Output Buffer Empty interrupt to the
CR16A ICU, for the KBC channel. The interrupt sig-
nal is active when the output buffer is empty (i.e.,
the interrupt signal is set (1) when OBF bit of the
HIKMST Register is cleared).
Bit 3 - Input Buffer Full Core Interrupt Enable (IBFCIE)
0: Interrupt signal low
1: Enables Input Buffer Full interrupt to the CR16A
ICU, for the KBC channel. The interrupt signal is
active when the input buffer is full; the interrupt sig-
nal is set (1) when IBF bit of the HIKMST register is
set.
Bit 4 - PM Host Interrupt Enable (PMHIE)
0: IRQ11 interrupt signal is controlled by IRQ11B bit in
the HIIRQC Register
1: Enables output buffer full interrupt to the PM driver
in the host (IRQ11). The interrupt is triggered by a
CR16A write to the HIPMDO Register. The interrupt is
sent according to IRQM and IRQNPOL in the HIIRQC
Register.
Bit 5 - PM Output Buffer Empty Core Interrupt Enable (PMECIE)
0: Interrupt signal low
1: Enables PM output buffer empty interrupt to the
CR16A ICU, for the PM channel. The interrupt signal
is active when the output buffer is empty (when OBF
bit of the HIPMST register is cleared).
Bit 6 - PM Input Buffer Full Core Interrupt Enable (PMICIE)
0: Interrupt signal low
1: Enables PM input buffer full interrupt to the CR16A
ICU, for the PM channel. The interrupt signal is ac-
tive when the input buffer is empty (when IBF bit in
the HIPMST Register is set).
5.12.7
Host Interface IRQ Control Register (HIIRQC)
The HIIRQC Register is a byte wide, read/write register. It
controls the IRQ signals mode of operation. On reset, HI-
IRQC is preset to 07h.
76543210
MSB
RTC Address
LSB
76543210
MSB
RTC Data
LSB
76543210
A7
Host PnP Address Low
A0
76543210
A15
Host PnP Address High
A8
76
5
4
3
2
1
0
Res PMICIE PMECIE PMHIE IBFCIE OBECIE OBFMIE OBFKIE
7
6
543
2
1
0
PSPE IRQNPOL
IRQM
IRQ11B IRQ12B IRQ1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com