Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 49Page - National Semiconductor (TI) PC87570 Datasheet HTML 50Page - National Semiconductor (TI) PC87570 Datasheet HTML 51Page - National Semiconductor (TI) PC87570 Datasheet HTML 52Page - National Semiconductor (TI) PC87570 Datasheet HTML 53Page - National Semiconductor (TI) PC87570 Datasheet HTML 54Page - National Semiconductor (TI) PC87570 Datasheet HTML 55Page - National Semiconductor (TI) PC87570 Datasheet HTML 56Page - National Semiconductor (TI) PC87570 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 168 page
background image
Host Bus Interface (HBI)
53
http://www.national.com
5.10.1
IRQ1, IRQ12 and IRQ11 and IRQ8 Buffers
The PC87570 drives the IRQ pins (IRQ1, IRQ12 and
IRQ11) using either open drain or push-pull buffers. The
buffer type is configured by PSPE in the HIIRQC Register.
When used as open drain, an external pull-up resistor is re-
quired to pull the signal high.
When the IRQE Register is set to disable IRQ1, IRQ12,
IRQ11, or IRQ8, its respective pin is put into TRI-STATE,
overriding any other settings in the host interface.
Figure 5-4 illustrates the effect of the different control bits on
the IRQ signals.
5.11 SYSTEM CONSIDERATIONS
5.11.1
Reset Configuration
During reset, the host configuration channel is initialized to
its default state, as follows:
q
The modules’ address registers are initialized to the
device legacy address.
q
The Function Enable Register is initialized according
to the HDEN strap input.
q
Access to the chip base address configuration Index
and Data Registers is disabled.
q
A motherboard PnP escape sequence is enabled.
q
Configuration lock bits are cleared.
5.11.2
Host Power-On (HPWRON) Indication Input
The PC87570 can operate when the host power is discon-
nected. In this case, the signals from the host may present
undefined states to the PC87570. A special input pin, HP-
WRON, enables the PC87570 to check the host power sup-
ply state and prevent errors caused when the supply is not
active.
When HPWRON is low, all the host interface inputs are ig-
nored and all outputs are either TRI-STATE or forced low,
according to their reset values. See “Basic Configuration”
on page 3.
When HPWRON is high, the PC87570 responds to host bus
cycles and outputs signals to it.
5.11.3
Host Master Reset (HMR) Input
The PC87570 is reset by an internal reset signal generated
on the rising edge of its power supply. The chip is also reset
on the rising edge of the HMR pin. See more details in Sec-
tion 2.3.4.
5.11.4
Host Reset Output (HRSTO) from PC87570
HRSTO is one of the sources for host soft reset commands
(i.e., INIT input in the x86 processors). See Figure 5-5. The
host is reset when the HRSTO output is low. A reset com-
mand is issued by the PC87570 when:
q
Hardware: Strap input HRMS=1, shared memory is
enabled (SHBM=0) and accessed while the PC87570
cannot complete the memory access. In this case, the
reset lasts until the PC87570 completes shared mem-
ory access, and HMEMRD and HMEMWR are inac-
tive. After power-up reset, the HRSTO is inactive
(high). HRSTO is automatically active (low) while HP-
WRON is low.
q
Software: The CR16A firmware can issue a reset com-
mand to the host by writing 1 to HRSTO in the CST2
Register. The reset to the host ends by writing 0 to
this bit.
.
Hardware
HIIRQ.IRQM
Interrupt
HIIRQC.IRQNPOL
HIIRQC.IRQxB
HICTRL.OBFMIE or
1
0
HICTRL.OBFKIE
HICTRL.PMHIE or
HIIRQC.PSPE
IRQE.IRQxE
HIIRQC.IRQxB
HIIRQC.IRQxB
(write)
IRQx
Pin
Figure 5-4. IRQ1, IRQ12 or IRQ11 Control
1
0
(read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com