Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 21Page - National Semiconductor (TI) PC87570 Datasheet HTML 22Page - National Semiconductor (TI) PC87570 Datasheet HTML 23Page - National Semiconductor (TI) PC87570 Datasheet HTML 24Page - National Semiconductor (TI) PC87570 Datasheet HTML 25Page - National Semiconductor (TI) PC87570 Datasheet HTML 26Page - National Semiconductor (TI) PC87570 Datasheet HTML 27Page - National Semiconductor (TI) PC87570 Datasheet HTML 28Page - National Semiconductor (TI) PC87570 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 168 page
background image
Signal/Pin Connection and Description
25
www.national.com
1. This is a quasi-bidirectional output. It has drive low capability. It is pulsing high for a short period; steady state:
pull high using a weak pull-up. See also Section 12.2.3 on page 90
TB
69
75
TTL
-
Timer pin B
TRIS
92
102
STRAP
-
TRI-STATE strap option. When high, during
power-up reset, causes the PC87570 to float all
its output and I/O signals.
VBAT
26
28
INULR
-
Battery supply. This is the 2.4 - 5.5V battery
voltage for the RTC circuitry.
VCC
21, 61,
98, 147
23, 67,
108, 161
N/A
N/A
Digital 5V or 3.3V power supply
VREF
74
80
ANIN
ANOUT
Reference voltage for the on-chip A/D circuits.
With the internal VREF enabled a capacitor is
connected between VREF and GND. When the
internal VREF is disabled, an External Refer-
ence voltage should be connected to this input.
WR1,0
103, 102
113, 112
-
CM
Write control for bytes 0 and 1
Signal
Pin Number
Buffer Type
Function
160-pin
176-pin
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com