Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 30Page - National Semiconductor (TI) PC87570 Datasheet HTML 31Page - National Semiconductor (TI) PC87570 Datasheet HTML 32Page - National Semiconductor (TI) PC87570 Datasheet HTML 33Page - National Semiconductor (TI) PC87570 Datasheet HTML 34Page - National Semiconductor (TI) PC87570 Datasheet HTML 35Page - National Semiconductor (TI) PC87570 Datasheet HTML 36Page - National Semiconductor (TI) PC87570 Datasheet HTML 37Page - National Semiconductor (TI) PC87570 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 168 page
background image
Bus Interface Unit (BIU)
34
www.national.com
3.0
Bus Interface Unit (BIU)
The BIU directly interfaces with a wide variety of devices, in-
cluding ROM, SRAM and FLASH memory devices and I/O
devices. It interfaces via address, data and control buses,
without the need for external glue logic.
3.1
FEATURES
q
Three address zones for static devices (SRAM, ROM,
FLASH, I/O)
q
Basic bus cycle: two clock cycles
q
Configurable fast read bus cycles with one-cycle read
duration
q
Wait states: configurable between zero and seven
clock cycles
q
Hold cycles: configurable between zero and three
clock cycles
q
I/O expansion support
q
Configurable burst on read
q
Burst read: one clock cycle
q
Configurable early write or late write
q
Bus width: configurable per zone - 16-bit or 8-bit
3.2
FUNCTIONAL DESCRIPTION
3.2.1
Interfacing
The BIU interfaces between:
q
The internal core bus
q
External static memory
q
Off-chip I/O (memory mapped) devices
q
On-chip ROM.
The BIU performs the following functions:
q
Distinguishes between three static memory zones
q
Selects the relevant configured parameters of the ac-
cessed zone (e.g., the number of wait states)
q
Issues the appropriate bus cycle to access the zone.
Each memory zone has a different address range and a set
of parameters which define the access to this zone. The set
of parameters is software configurable.
3.2.2
Static Memory and I/O Support
The BIU accesses static memory devices (ROM, SRAM,
FLASH and I/O devices) using static read and write bus cy-
cles. The BIU extends the bus cycles with wait cycles, if so
configured.
The BIU supports burst read bus cycles, if the accessed
zone is configured as burstable. (A burst-read bus cycle is
an extension of the basic-read bus cycle in which additional
data is accessed. A burst access usually requires only one
clock cycle per additional data item. It may be extended by
up to two clock cycles per additional data item.).
To support both I/O and static memory devices that require
long hold times at the end of the access, the BIU can be
configured to add up to three Thold clock cycles at the end
of the bus cycle. In addition to this, the BIU can be config-
ured to insert a Tidle clock cycle between two consecutive
accesses in different zones.
3.2.3
Byte Accessing
The internal core bus is 16-bit wide and supports byte and
word transactions.
The BIU issues the appropriate bus cycle to access the right
bytes, according to the core bus transaction and the memory
device bus width.
On write cycles of a single byte, the other eight bits of the bus
are floating.
On read cycles of a single byte, the other eight bits of the bus
are ignored. There is no need for external pull-up resistors.
3.3
CLOCK AND BUS CYCLES
There are two types of bus cycles: data transfer and non-
data transfer. Data-transfer bus cycles cause transfer of
data from, or to, the memory device. Non-data transfer bus
cycles (described in Section 3.4 on page 44) are used for
observability of internal bus transactions - they do not in-
volve data transfer from, or to, external devices.
There are four types of data transfer bus cycles:
q
Early write
q
Late write
q
Normal read
q
Fast read.
The BIU uses the BCFG.EWR configuration bit to select the
early or late write data transfer bus cycle. It uses the SZCF-
Gn.FRE bit (where “n” refers to zone 0 or 1) to select normal
read or fast read data transfer bus cycles.
The basic late write bus cycle takes two clock cycles. The ba-
sic early write bus cycle takes three clock cycles. When the
BIU uses the early write bus cycle, the RD signal is not re-
quired for interfacing with the memory device (with the excep-
tion of FLASH). On reset, early write bus cycle is configured.
The basic normal read bus cycle takes two clock cycles.
Fast read bus cycle always takes one clock cycle. On reset,
normal read bus cycle is configured.
Notes:
1. In the descriptions that follow, the “n” in SELn signal re-
fers to two of the three permitted BIU select signals
(numbered 0 or 1, corresponding to zone 0 or zone 1 re-
spectively). The third signal is labelled SELIO.
2. For all timing diagrams, the value of BST0-2 depends
upon the type of core bus transaction.
3.3.1
Clock Cycles
Basic Bus Cycle
A basic bus cycle comprises 1 to 3 clock cycles (depending
upon the type of bus cycle). Adding extra wait or hold clock
cycles extends the data transfer bus cycles. Every data
transfer bus cycle has the T1 and T2 clock cycles, with the
exception of the fast read bus cycle that only has one clock
cycle (T1-2).
Tidle Cycle
Clock cycles which are not used for bus cycles are called
Idle clock cycles (Tidle). Tidle cycles are added when the BIU
does not need to generate a bus transaction, or when spe-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com