Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 60Page - National Semiconductor (TI) PC87570 Datasheet HTML 61Page - National Semiconductor (TI) PC87570 Datasheet HTML 62Page - National Semiconductor (TI) PC87570 Datasheet HTML 63Page - National Semiconductor (TI) PC87570 Datasheet HTML 64Page - National Semiconductor (TI) PC87570 Datasheet HTML 65Page - National Semiconductor (TI) PC87570 Datasheet HTML 66Page - National Semiconductor (TI) PC87570 Datasheet HTML 67Page - National Semiconductor (TI) PC87570 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 168 page
background image
Real-Time Clock (RTC) and Advanced Power Control (APC)
64
www.national.com
6.0
Real-Time Clock (RTC) and
Advanced Power Control (APC)
The RTC and APC module provides timekeeping and cal-
endar management capabilities, enhanced with power-sav-
ing features.
The RTC uses a 32.768 KHz signal as the basic clock for
timekeeping. It also includes 242 bytes of battery-backed
RAM for general-purpose use.
The APC enables you to keep the PC in standby mode and
start it from a remote modem or at a pre-determined time
and date.
6.1
FEATURES
The RTC provides the following functions:
q
Accurate timekeeping and calendar management
q
Alarm at a predetermined time and/or date
q
Three programmable interrupt sources
q
Valid timekeeping during power-down, by utilizing ex-
ternal battery backup
q
242 bytes of battery-backed RAM
q
RAM lock schemes to protect its content
q
Internal oscillator circuit (the crystal itself is off-chip),
or external clock supply for the 32.768KHz clock
q
A century counter
q
PnP support
— Relocatable index and data registers
— Module enable/disable option
— Host interrupt (IRQ8), enable/disable option
q
Additional low-power features such as:
— Automatic switching from battery to VCC
— Internal power monitoring on the VRT bit
— Oscillator disabling to save battery during storage
q
Software compatible with the DS1287 and MC146818
q
Access from both the host and the CompactRISC
CR16A core
The APC enables automatic system power control in re-
sponse to external or internal events, enhancing the exist-
ing power management capability of the host system. This
enables efficient use of the PC in applications such as an-
swering machines or faxes, which are typically powered up
without this feature.
6.2
RTC FUNCTIONAL DESCRIPTION
6.2.1
Host Bus Interface
A pair of Index and Data Registers is used to access all the
internal registers of all RTC banks. These two registers are
always located at consecutive addresses. The Index Regis-
ter holds the address offset of the RTC register that is read
or written through the Data Register. After power-on reset
or warm reset (see HMR pin description) when accessing
them from the host interface bus, the Index Register is lo-
cated at 0070h, and the Data register at 0071h.
The RTC registers are selected by an internal HRTCCS
chip select signal. The location of the Index Register can be
changed by reprogramming the RTCCSAH and RTCCSAL
8-bit registers. These two registers define the 16-bit full ad-
dress of the Index Register only. See also Host Configura-
tion Registers in Section 5.14 on page 61. The Data
Register is always located at the consecutive address.
These locations may be reassigned, in compliance with
PnP requirements.
6.2.2
Core Bus Interface
The Index and Data Registers can also be accessed by the
CR16A core, which increases the performance of the
PC87570 firmware. Through these two registers, the core
can access all the RTC registers and the CMOS RAM. Ded-
icated hardware prevents conflict when both the host and
the PC87570 firmware access the RTC. For more details,
see CR16A Core Access to RTC in Section 5.3 on page 49.
6.2.3
Bank Description
The RTC registers are mapped into the following banks:
• Bank 0
The first 14 locations contain RTC timekeeping legacy
registers. The next 50 locations contain the legacy
CMOS RAM memory. These 64 locations are accessi-
ble from all three banks.
The next 64 locations contain additional CMOS RAM
memory, accessible only from Bank 0.
• Bank 1
The first 64 locations are the same as in Bank 0.
— The Century Counter is located at 0048h,
— A pair of registers that creates a second-level ac-
cessing scheme is located at 0050h and 0053h. This
allows for an additional 28 bytes of CMOS RAM ex-
pansion.
• Bank 2
The first 64 locations are the same as in Bank 0. The re-
maining locations contain the registers implementing
the APC features.
See Section 6.7 on page 74 for a detailed description of the
memory map.
6.2.4
Bank Accessing
The banks are selected by writing the desired values to
Control Register A (CRA), bits 6-4 (DV2-0). This register is
located at offset 0Ah and is accessible from all banks.
Note: The CRA Register cannot be modified if the VRT
bit in the Control Register D (CRD) is 0. In this
case, you cannot switch banks. See also VRT bit
description in Section 6.3.4 on page 71.
6.2.5
RTC Clock Generation
The RTC uses a 32.768 KHz clock signal as the basic clock
for timekeeping. This clock signal is also the reference clock
for the APC and for the on-chip clock multiplier. See also
Chapter 7. The 32.768 KHz clock can be supplied by the in-
ternal oscillator circuit, or by an external oscillator (see Sec-
tions 6.2.6 and 6.2.7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com