Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 75Page - National Semiconductor (TI) PC87570 Datasheet HTML 76Page - National Semiconductor (TI) PC87570 Datasheet HTML 77Page - National Semiconductor (TI) PC87570 Datasheet HTML 78Page - National Semiconductor (TI) PC87570 Datasheet HTML 79Page - National Semiconductor (TI) PC87570 Datasheet HTML 80Page - National Semiconductor (TI) PC87570 Datasheet HTML 81Page - National Semiconductor (TI) PC87570 Datasheet HTML 82Page - National Semiconductor (TI) PC87570 Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 168 page
background image
Power Mode Control (PMC)
79
www.national.com
8.0
Power Mode Control (PMC)
The PMC improves the efficiency of PC87570 operation by
adjusting its power consumption to the level of performance
the application requires.
8.1
FEATURES
• Three power modes:
— Active
— Idle
— Power Off
• Power mode switch, software and/or hardware controlled
• High Frequency Clock Generator (HFCG) enable/dis-
able control
8.2
THE POWER MODES
Table 8-1 summarizes the main properties of the three
modes.
Table 8-1. Power Mode Summary
Active Mode
In Active mode, the PC87570 operates at the frequency
generated by the HFCG. You can reduce power consump-
tion in this mode by selectively disabling modules with their
respective Enable/Disable bits or when executing a WAIT
instruction while IDLE or EIM (bits 2 and 5) in the PMCR
Register are cleared. When WAIT is executed, the core
stops executing new instructions until it receives an inter-
rupt signal.
After reset, the PC87570 is in Active mode.
Idle Mode
In Idle mode, the clock is stopped for most of the PC87570.
Only the PMC and a limited number of other modules con-
tinue to operate at the 32.768 KHz clock rate; they can
wake-up the PC87570 and resume instruction execution
when required.
Details of module activity in Idle mode are included in the
relevant chapters for each module.
Power Off Mode
When power is turned off, the PC87570 reaches its lowest
activity level. The content of the memories and registers is
not preserved in this mode.
A battery supply pin (VBAT) provides power to the RTC, al-
lowing it to continue functioning even in Power Off mode.
Refer to Chapter 6 for the RTC features supported by bat-
tery backup.
1. With respect to the DHF bit in the Power
Mode Control Register (PMCR)
2. Supports certain RTC features
8.3
SWITCHING BETWEEN POWER MODES
Switching from one mode to another is accomplished by us-
ing the protocols described below. Figure 8-1 depicts the
transitions between the power modes when the EIM bit of
the PMCR Register is set.
8.3.1
Decreasing Power Consumption
Enter Idle mode by setting the EIM and IDLE bits of the
PMCR Register, and then executing the WAIT instruction.
To further reduce power consumption, you can disable the
HFCG by setting the DHF bit of the PMCR Register before
executing the WAIT instruction.
Enter Power Off mode by turning off the power to the VCC
pins of the PC87570.
The PFAIL input, which is the non-maskable interrupt (NMI)
source, may be used to interrupt the PC87570 to complete
content saving to a non-volatile memory and to stop write
operations to the RTC, before power to the PC87570 is dis-
connected.
8.3.2
Increasing Performance
Wake-Up from Idle mode to Active is a hardware wake-
up event that causes the PC87570 to switch directly from
Idle mode to Active mode. The core resumes operation by
executing an interrupt routine. A wake-up event may have
one of three sources:
q
A maskable event (from MIWU)
q
An NMI
q
An ISE interrupt in Dev environment only.
The wake-up is identified by a high level on the maskable
event, and a high to low transition on the NMI or ISE interrupts.
Once a wake-up event is detected, it is latched until an inter-
rupt acknowledge bus cycle is detected, or reset is applied.
One exception is the wake-up on host transaction, which caus-
es the core to continue executing the WAIT instruction until an
interrupt occurs.
Waking up to Active mode clears the IDLE bit of the PMCSR
Register.
Exit from Power Off and resume activity in Active mode by
applying power to the PC87570 (VCC). The power-up reset
sequence described in Section 2.3 on page 26 is used.
Mode
HFCG
CLK
Power
Active
On
On
On
Idle
On or Off1
Off
On
Power Off
Off
Off
Battery backup only2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com