Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 78Page - National Semiconductor (TI) PC87570 Datasheet HTML 79Page - National Semiconductor (TI) PC87570 Datasheet HTML 80Page - National Semiconductor (TI) PC87570 Datasheet HTML 81Page - National Semiconductor (TI) PC87570 Datasheet HTML 82Page - National Semiconductor (TI) PC87570 Datasheet HTML 83Page - National Semiconductor (TI) PC87570 Datasheet HTML 84Page - National Semiconductor (TI) PC87570 Datasheet HTML 85Page - National Semiconductor (TI) PC87570 Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 168 page
background image
Interrupt Control Unit (ICU)
82
www.national.com
Table 9-2. Interrupt Assignment List
1. To enable the external interrupt, set the pin to its alternate function. When used as I/O port signals the External
interrupt input is forced to 0.
2. This interrupt is an OR of the two MIWU outputs. When no WKINTA is an input, disable it by clearing the respec-
tive bit in WKEN1. When the APC-OFF event is not in use, disable it by clearing the CST2.APCOFFE bit.
3. When in Active mode, you should disable the T0OUT channel of the MIWU, if not required. This saves the need
to clear the pending bit in the MIWU on each interrupt.
4. INT10 is the logic OR of EXINT10 after the MIWU and PSINT3. For efficient operation, only one of them should
be enabled at a time.
5. INT11 is the logic OR of EXINT11 after the MIWU and PSINT2. For efficient operation, only one of them should
be enabled at a time.
9.3
ICU REGISTERS
9.3.1
NMI Status Register (NMISTAT)
The NMISTAT Register is a byte-wide, read only register. It
holds the status of the PFAIL NMI request. NMISTAT is
cleared each time its contents are read. Non-reserved bits
of NMISTAT are cleared on reset.
Bit 0 - Power Fail Input (PFAIL)
PFAIL indicates that a falling edge was detected on the
PFAIL pin.
9.3.2
Power Fail Control Register (PFAIL)
The PFAIL Register is a byte-wide read/write register. It pro-
vides control over the early power fail indication NMI. This
register is cleared by hardware on reset.
Bit 0 -PFAIL Trap Enable (EN)
An NMI trap is generated when the EN bit is set, and the
PFAIL pin changes its value from high to low. The bit is
cleared by hardware on reset, and whenever the trap
occurs. The EN bit can be set and cleared by
PC87570’s firmware.
Interrupt
Source
Type
Description
Priority
INT0
External
External Interrupt 0 (EXINT0)1, through the MIWU
Lowest
INT1
Internal
High Level
Host I/F Keyboard/Mouse channel output buffer empty
INT2
Internal
High Level
Host I/F Power Management channel output buffer empty
INT3
Internal
High Level
MIWU WKINTA (PS2, APC-ON, ACCESS.bus wakeup) or WKO24
(APC-OFF 2)
INT4
Internal
High Level
MFT16 interrupt (INT1 OR’ed with INT2)
INT5
Internal
High Level
ADC interrupt
INT6
Internal
High Level
ACCESS.bus interrupt
INT7
Internal
High Level
MIWU WKINTC Internal Keyboard Scan Interrupt (KBSINT)
INT8
Internal
Rising Edge
TWM system tick (T0OUT), through the MIWU 3
INT9
External
SWIN input 1, through the MIWU
INT104
Internal
Falling Edge
PS/2 interface channel 3 (PSINT3)
External
External interrupt 10 (EXINT10) 1, through the MIWU
INT115
Internal
Falling Edge
PS/2 interface channel 2 (PSINT2)
External
External interrupt 11 (EXINT11) 1, through the MIWU
INT12
Internal
High Level
PS/2 shift mechanism (PSINT1)
Internal
Falling Edge
PS/2 interface channel 1
INT13
Internal
High Level
Host I/F Keyboard/Mouse IBF
INT14
Internal
High Level
Host I/F Power Management IBF
INT15
External
External interrupt 15 (EXINT15) 1, through the MIWU
Highest
7
1
0
Reserved
PFAIL
7
2
1
0
Reserved
PIN
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com