Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 37Page - National Semiconductor (TI) PC87570 Datasheet HTML 38Page - National Semiconductor (TI) PC87570 Datasheet HTML 39Page - National Semiconductor (TI) PC87570 Datasheet HTML 40Page - National Semiconductor (TI) PC87570 Datasheet HTML 41Page - National Semiconductor (TI) PC87570 Datasheet HTML 42Page - National Semiconductor (TI) PC87570 Datasheet HTML 43Page - National Semiconductor (TI) PC87570 Datasheet HTML 44Page - National Semiconductor (TI) PC87570 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 168 page
background image
Bus Interface Unit (BIU)
41
www.national.com
Other SZCFGn
configuration
SZCFGn.HOLD = 0
SZCFGn.HOLD
≠ 0
SZCFGn.WAIT
≠ 0
SZCFGn.WAIT = 0
Address placed on A0-15,
SELn: activated
RD: active
Address on A0-15 invalid/changed,
SELn and RD inactive
RD: active,
End of T2: Data is sampled
Internal waits corresponding to SZCFGn.WAIT
T1
TIW
TBW
T1
begin
Hold cycles completed
Thold
T2
T2B
end
{SZCFGn.BW = 1 or
SZCFGn.BRE = 0 or
Core attempts to read a byte}
SZCFGn.BW = 0
SZCFGn.(WBR,BRE} = 11
Core attempts to read a word
Next address on A0-15,
End of T2B: Data sampled
Hold cycles according
to SZCFGn.HOLD
First Thold: SELn
and RD are deactivated
SZCFGn.{BW,WBR,BRE} = 001
Core attempts to read a word
Figure 3-9. Normal Read Bus Cycle
Note: Any reference to SZCFGn, also applies to the IOCFG Register.
Any reference to SELn, also applies to the SELIO signal.
TBW and T2B states do not exist in bus cycles of the IO zone.
Internal waits completed
SZCFGn.HOLD
≠ 0
Next address
on A0-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com