Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 86Page - National Semiconductor (TI) PC87570 Datasheet HTML 87Page - National Semiconductor (TI) PC87570 Datasheet HTML 88Page - National Semiconductor (TI) PC87570 Datasheet HTML 89Page - National Semiconductor (TI) PC87570 Datasheet HTML 90Page - National Semiconductor (TI) PC87570 Datasheet HTML 91Page - National Semiconductor (TI) PC87570 Datasheet HTML 92Page - National Semiconductor (TI) PC87570 Datasheet HTML 93Page - National Semiconductor (TI) PC87570 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 168 page
background image
PS/2 Interface
90
www.national.com
12.0 PS/2 Interface
Industry-standard PC-AT-compatible keyboards use a two-
wire, bidirectional TTL interface for data transmission. Sev-
eral vendors also supply PS/2 mouse products and other
pointing devices that employ the same type of interface.
The PC87570 provides three PS/2 data transfer channels.
Each channel has two quasi-bidirectional signals that serve
as direct interfaces to an external keyboard, mouse or any
other PS/2-compatible pointing device. Since the three
channels are identical, the connector ports are interchange-
able.
12.1 FEATURES
q
Three PS/2 channels
q
Enable/Disable for each of the three channels
q
Automatic hardware shift mechanism
q
Hardware support for PS/2 auxiliary device protocol
q
Processor interrupts at the beginning and end of data
transfer
q
Optional software-based PS/2 implementation
12.2 FUNCTIONAL DESCRIPTION
12.2.1
Configuration
The PS/2 interface includes six external signals (PSCLK1,
PSDAT1, PSCLK2, PSDAT2, PSCLK3 and PSDAT3) and
six registers. Channels 1 and 2 always have assigned pins.
A special configuration, shown in Figure 12-1, is required to
also make channel 3 available. See Section 12.5 for register
details.
12.2.2
Shift Mechanism
The shift mechanism is a proprietary hardware accelerator
that offloads bit level handling of data transfer from the firm-
ware to hardware. It can be enabled to operate in Receive
or Transmit mode, or disabled. Different states in each
mode define the progress of data transfer.
Shift Mechanism Enabled
PS/2 devices’ firmware is significantly simplified when the
shift mechanism is enabled. Using the shift mechanism to
receive or transmit PS/2 data reduces code overhead and
performance requirements from the CompactRISC CR16A
core, and improves the overall interrupt latency of the
PC87570. The shift mechanism includes an 8-bit shift reg-
ister, a state machine and control logic that handle both in-
coming and outgoing data.
Shift Mechanism Disabled
Previous generation keyboard controllers executed the
PS/2 device interface by toggling and monitoring the PS/2
device interface signals via firmware. The PC87570 also
supports this bit toggling mode with polling or interrupt-driv-
en, clock edge detection by disabling the shift mechanism.
The hardware is designed to meet the PS/2 device interface
as defined in “Keyboard and Auxiliary Device Controller
(Types 1 and 2)” - August 1988.
12.2.3
Quasi-Bidirectional Drivers
The quasi-bidirectional drivers have an open drain output
(Q2), an internal pull-up (Q3) and a low impedance pull-
up(Q1). Q2 pulls the signal low whenever the output buffer
data is “0”. The weak pull-up (Q3) is active whenever the
output buffer data is “1” and PSCON.WPUEN is set (1). The
low impedance pull-up is active whenever the PC87570
changes the output data buffer from “0” to “1”, thereby re-
ducing the low to high transition time. The low impedance
pull-up active duration is determined by PSCON.HDRV
field. A schematic description of this output driver appears
in Figure 12-3.
Channel 3
Channel 1
Channel 2
Shift Mechanism
EN1
PSCLK1
PSDAT1
DATO1
DATI1
CLKO1
CLKI1
EN2
DATO2
DATI2
CLKO2
CLKI2
EN3
DATO3
DATI3
CLKO3
CLKI3
CLK1
WDAT1
RCLK1
RDAT1
ENSM
PS/2 I/F
Registers
Figure 12-1. PS/2 Interface Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com