Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC87570 Datasheet HTML 1Page - National Semiconductor (TI) PC87570 Datasheet HTML 2Page - National Semiconductor (TI) PC87570 Datasheet HTML 3Page - National Semiconductor (TI) PC87570 Datasheet HTML 4Page - National Semiconductor (TI) PC87570 Datasheet HTML 5Page - National Semiconductor (TI) PC87570 Datasheet HTML 6Page - National Semiconductor (TI) PC87570 Datasheet HTML 7Page - National Semiconductor (TI) PC87570 Datasheet HTML 8Page - National Semiconductor (TI) PC87570 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 168 page
background image
3
Highlights
www.national.com
• MFT16
— Two 16-bit timers
— Each timer supports Pulse Width Modulator (PWM),
Capture and Counter capabilities
• TWD
— 16-bit periodic interrupt timer with 30-
µs resolution
and 5-bit prescaler, for system tick and periodic
wake-up tasks
— 8-bit WATCHDOG timer
• ADC
— Eight channels, 8-bit resolution
— 10
µs conversion/channel
— Internal or external voltage reference
• DAC
— Four channels, 8-bit resolution
— 1
µs conversion time for 50 pF load
— Full output range from AGND to AVCC
• Supports Microsoft Advanced Power Management
(APM) specifications revision 1.2, February 1996
— Generates the System Management Interrupt (SMI)
• 160-pin PQFP and 176-pin TQFP packages
Basic Configuration
or
Clock
External
Memory
PC87570
32KX1/32KCLKIN
32KX2
HMR
HA18-0
HD7-0
HIOR
HIOW
IRQ1
IRQ11
IRQ12
RD
WR1-0
SEL0
A18-16, A15-0
D15-8
AD7-0
DA3-0
PA6-0
PB7-0
PC7-0
PD7-0
HIOCHRDY
RTC
Battery
VBAT
IRQ8
Crystal
32.768 KHz
External Keyboard
Internal
Keyboard
KBSOUT15-0
KBSIN7-0
SRAM or
Flash
ENV0
GA20
AVCC
AGND
VCC
GND
Power
Supply
SCL
D7-0
HMEMRD
HMEMWR
PG4-0
PE1-0
PF7-0
PH5-0
HMEMCS
HAEN
EXINT0,10,11,15
PFAIL
RING
SHBM
HRMS
Configuration
Inputs
I/O
Expansion
TA
HDEN
TRIS
HPWRON
PC0
External Mouse
Auxiliary PS/2
Interface
Interface
Interface
HRSTO
SELIO
(Matrix)
SDA
TB
SWIN
Analog
Reset
Control
(power-up reset)
GPIO
Interrupt
ACCESS.bus
System
Timers
ENV1
NC
NC
SEL1
NC
(Application)
VREF
ADC
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com