Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 28Page - National Semiconductor (TI) PC87570 Datasheet HTML 29Page - National Semiconductor (TI) PC87570 Datasheet HTML 30Page - National Semiconductor (TI) PC87570 Datasheet HTML 31Page - National Semiconductor (TI) PC87570 Datasheet HTML 32Page - National Semiconductor (TI) PC87570 Datasheet HTML 33Page - National Semiconductor (TI) PC87570 Datasheet HTML 34Page - National Semiconductor (TI) PC87570 Datasheet HTML 35Page - National Semiconductor (TI) PC87570 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 168 page
background image
Signal/Pin Connection and Description
32
www.national.com
2.8.2
Accessing External Memory
External Memory Configuration is enabled whenever the
Base Memory Shadow is off (MCFG.SHOFF=1). The BIU
Zone 0 Configuration Register (SZCFG0) controls the
memory access parameters.
The interface to the External Memory is executed using the
SEL0, RD, WR0-1, A0-18 and D0-15 signals. Not all the sig-
nals are used in every configuration. Table 2-7 summarizes
the MCFG bit settings, and the signals used for the memory
interface in each configuration.
Figure 2-4 shows the External Memory Address Range
mapping to the CR16A core.
External Memory Mapping into Shared BIOS Memory
When the shared BIOS memory is enabled (SHBM=0), the
External memory address range is mapped into a memory
device with larger address space. This External Memory ac-
cess is mapped by padding the core’s 16 lower address bits
with fixed values from the Page Register (used as most sig-
nificant address lines). See Table 2-8 for details on how to
configure various elements for External Memory expansion.
0
56 K
64 K
128 K
256 K
192 K
Address Map
PC87570
2 K
2 K
On-Chip Base Memory
On-Chip Base Memory
MCFG.SHOFF=0
MCFG.SHOFF=1
Figure 2-2. On-Chip Base Memory (Zone 1) Address Range
0
56 K
64 K
128 K
256 K
192 K
Off-Chip Base Memory
Address Map
Off-Chip Base Memory
128 K
PC87570
MCFG.SHOFF=0
MCFG.SHOFF=1
Figure 2-3. Off-Chip Base Memory (Zone 1) Address Range
56 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com