Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 29Page - National Semiconductor (TI) PC87570 Datasheet HTML 30Page - National Semiconductor (TI) PC87570 Datasheet HTML 31Page - National Semiconductor (TI) PC87570 Datasheet HTML 32Page - National Semiconductor (TI) PC87570 Datasheet HTML 33Page - National Semiconductor (TI) PC87570 Datasheet HTML 34Page - National Semiconductor (TI) PC87570 Datasheet HTML 35Page - National Semiconductor (TI) PC87570 Datasheet HTML 36Page - National Semiconductor (TI) PC87570 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 168 page
background image
Signal/Pin Connection and Description
33
www.national.com
Table 2-7. External Memory Configuration Settings
Table 2-8. External Memory Address Expansion Scheme
1. Legend:
X - Alternate function used (I/O port)
Ai - Signal outputs address bit i when the External Memory accessed
Page - Signal outputs the page defined in the Page Register.
2.8.3
Accessing I/O Expansion Space
The I/O expansion protocol permits you to implement I/O
ports in the system, besides those available on-chip, in all
three environments (IRD, IRE and Dev). In IRD and Dev en-
vironments, the I/O expansion protocol enables you to im-
plement the functionality of I/O ports PF, PG and PH using
off-chip external logic. Access to these ports is through the
addresses defined in Chapter A on page 156. The I/O ex-
pansion space is mapped to the address space FB00-
FBFFh. You can use the I/O expansion space as follows:
q
Addresses in the range FB00h-FB11h may be used to
restore GPIO ports PF, PG and PH.
q
Address FBFEh is used only in Dev environment by
the MCFGSH Register, and must be written after each
write to the MCFG with the same data written to the
MCFG.
q
Addresses in the range FB30h-FB5Fh are reserved for
development board use.
The protocol accesses the off-chip I/O expansion using I/O
zone of the BIU. The zone select signal (SELIO), address
lines A0-7 and the RD and WR0 signals, are used to inter-
face to the off-chip logic.
External
Memory
Configuration
MCFG
SZCFG0.BW
Interface Signals
SHOFF
A15E
EXM16
Control
Data
Addr
Disabled
0
X
X
X
X
X
X
32K x8
1
0
0
0
SEL0,
WR0, RD
D0-7
A0-14
64K x8
1
1
0
0
A0-15
32K x16
1
0
1
1
SEL0,
WR0-1, RD
D0-15
A0-14
64K x16
1
1
1
1
A0-15
SHBM
PEALT.1
MCFG.A15E
A181
A17
A16
A15
10
0X
X
X
X
1
X
X
X
A15
0
0
1
X
Page17
Page16
A15
1
Page18
0
56 K
64 K
128 K
256 K
192 K
Address Map
External Memory Address
PC87570
32 K
MCFG.A15E=0
MCFG.A15E=1
56 K
Figure 2-4. External Memory (Zone 0) Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com