Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 92Page - National Semiconductor (TI) PC87570 Datasheet HTML 93Page - National Semiconductor (TI) PC87570 Datasheet HTML 94Page - National Semiconductor (TI) PC87570 Datasheet HTML 95Page - National Semiconductor (TI) PC87570 Datasheet HTML 96Page - National Semiconductor (TI) PC87570 Datasheet HTML 97Page - National Semiconductor (TI) PC87570 Datasheet HTML 98Page - National Semiconductor (TI) PC87570 Datasheet HTML 99Page - National Semiconductor (TI) PC87570 Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 168 page
background image
PS/2 Interface
96
www.national.com
Bit 7 - Weak Pull-Up Enable (WPUEN)
When set, this bit enables the internal pull up of the out-
put buffer. In such case, the pull up is active when the
buffer does not drive the signal to low level. When
cleared, the pull-up is disabled. In this state, the system
must ensure the PS/2 interface signals are not floating
to enable proper PS/2 operation.
12.5.4
PS/2 Output Signal Register (PSOSIG)
The PSOSIG Register is a byte wide, read/write register. It
allows setting the value of the PS/2 port signals. When the
shift mechanism is enabled, the clock control bits in this reg-
ister define the active channel(s). On reset, the non-re-
served bits of PSOSIG are set to 07h.
Bit 0 - Write Data Signal Channel 1 (WDAT1)
Controls the data output to channel 1 data signal
(PSDAT1).
When the shift mechanism is disabled (PSCON.EN=0),
the data in WDAT1 is output to PSDAT1 signal. If
WDAT1 is cleared (0), the output buffer data is 0 (i.e.,
PSDAT1 is forced low). If WDAT1 is set (1), the output
buffer data is 1 (i.e., PSDAT1 is pulled high by the inter-
nal pull-up and may be pulled low by an external de-
vice).
When the shift mechanism is enabled (EN=1), WDAT1
should be set to 1, except when the shift mechanism is
in
transmit mode. In this case, when in transmit-inactive
and it is intended to transmit data to channel 1, the firm-
ware should clear WDAT1 bit to force the transmit sig-
naling (low) to the PS/2 device.
WDAT1 is set by the hardware after the PC87570 de-
tected a start bit (i.e., on entering the Transmit Active
state). If a transmission is aborted before the transmit-
active state, WDAT1 should be set (1) prior to disabling
the channel.
Bit 1 - Write Data Signal Channel 2 (WDAT2)
Same as WDAT1 but for channel 2.
Bit 2 - Write Data Signal Channel 3 (WDAT3)
Same as WDAT1 but for channel 3.
Bit 3 - CLK1, Enable Channel 1
When cleared (0), forces a low (0) on the PSCLK1 pin
and disables channel 0 of the shift mechanism.
When the shift mechanism is enabled (PSCON.EN=1),
and CLK1 is set (1), channel 1 of the PS/2 ports is en-
abled.
When
the
shift
mechanism
is
disabled
(PSCON.EN=0) and CLK1 bit is set (1), the clock line
output buffer data is 1 (i.e., the signal is pulled high by
the pull-up if enabled, and may be pulled low by an ex-
ternal device).
Bit 4 - Enable Channel 2 (CLK2)
Same as CLK1 but for channel 2.
Bit 5 - Enable Channel 3 (CLK3)
Same as CLK1 but for channel 3.
Note:
When CLK1, CLK2 and CLK3 are all 0, this is interpreted as
a shift mechanism reset. In this case, the PSTAT Register
and the shift state machine are reset to their initial state.
12.5.5
PS/2 Input Signal Register (PSISIG)
The PSISIG Register is an 8-bit read only register. It pro-
vides the current value of the PS/2 port signals.
Bit 0 - Read Data Signal Channel 1 (RDAT1)
The current value of the channel 1 data signal
(PSDAT1).
Bit 1 - Read Data Signal Channel 2 (RDAT2)
Same as RDAT1 but for channel 2.
Bit 2 - Read Data Signal Channel 3 (RDAT3)
Same as RDAT1 but for channel 3.
Bit 3 - Read Clock Signal Channel 1 (RCLK1)
When read, returns the current value of the channel 1
clock signal (PSCLK1).
Bit 4 - RCLK2, Read Clock Signal Channel 2
Same as RCLK1 but for channel 2.
Bit 5 - RCLK3, Read Clock Signal Channel 3
Same as RCLK1 but for channel 3.
12.5.6
PS/2 Interrupt Enable Register (PSIEN)
The PSIEN Register is an 8-bit read/write register. It en-
ables/disables the various interrupts generated by the PS/2
module. Bits in the PSIEN Register may be cleared to 0 only
when interrupts are disabled, i.e., in the CR16A core, the
PSR.I or the PSR.E bits are 0 or when the corresponding in-
terrupts in the ICU are masked. Bits in the PSIEN Register
may be set to 1 at any time. On reset, non reserved bits of
PSIEN are cleared.
000
1 cycle
001
2 cycles
010
4 cycles
011
8 cycles
100
16 cycles
101
32 cycles
7 6
5
4
3
2
1
0
Res
CLK3
CLK2
CLK1 WDAT3 WDAT2 WDAT1
7 6
5
4321
0
Res
RCLK3 RCLK2 RCLK1 RDAT3 RDAT2 RDAT1
7
3
2
1
0
Reserved
DSMIE
EOTIE
SOTIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com