Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 82Page - National Semiconductor (TI) PC87570 Datasheet HTML 83Page - National Semiconductor (TI) PC87570 Datasheet HTML 84Page - National Semiconductor (TI) PC87570 Datasheet HTML 85Page - National Semiconductor (TI) PC87570 Datasheet HTML 86Page - National Semiconductor (TI) PC87570 Datasheet HTML 87Page - National Semiconductor (TI) PC87570 Datasheet HTML 88Page - National Semiconductor (TI) PC87570 Datasheet HTML 89Page - National Semiconductor (TI) PC87570 Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 168 page
background image
Multi-Input Wake-Up (MIWU)
86
www.national.com
The MIWU is active while in Idle state. In this state, all
clocks of the device are stopped. Therefore the detection of
a trigger condition on an input, and the resulting set of the
pending flag, are not synchronous to the system clock.
10.2.1
Trigger Conditions
Through the WKEDGx registers you can select the trigger
condition on the selected input signal as either positive
edge (low-to-high transition) or negative edge (high-to-low
transition).
10.2.2
Pending Flags
An occurrence of the selected trigger condition for the
MIWU is latched into a pending register, WKPNDx. The re-
spective bits of WKPNDx are set on an occurrence of the
selected trigger edge on the corresponding input signal.
Since the WKPNDx register holds a pending wake-up con-
dition until it is cleared, the device does not enter the Idle
state if any wake-up bit is both enabled and pending. Con-
sequently, you must clear the pending flags before attempt-
ing to enter the Idle state.
10.2.3
Input Enable
The MIWU utilizes multiple multi-input wake-up signals.
Setting the appropriate bits in the WKENx registers selects
which particular wake-up signal causes the device to exit
the Idle state.
10.2.4
Interrupts
The combined output of all pending and enabled channels
of the MIWU module generates the wake-up signal which is
fed into both the PM module and the ICU. Therefore, each
wake-up of the device, except for wake-up on host access,
can be followed by a wake-up interrupt. Since the device
cannot enter some of the power reduction states without the
CR16A executing a WAIT instruction, the wake-up interrupt
must terminate the WAIT instruction on wake-up.
The MIWU module also provides signal conditioning and
grouping of events which can be used to generate interrupt
requests.
WKO20-WKO25 and WKO27 are connected to the ICU to
generate an interrupt associated with the specific MIWU
output. The WKOx behaves as follows:
q
When WKENx is cleared, the WUIx is connected to
the ICU directly (bypassing the edge detectors and
pending bits). The ICU can be configured for using the
signal as a level or edge triggered interrupt.
q
When WKENx is enabled, the output of the pending
bit, WKPNDx is connected to WKOx.
The Mask Register in the ICU enables/disables Interrupts
caused by WKOx. In addition, the MIWU provides interrupt
request lines WKINTA and WKINTC (see Figure 10-1).
These are routed to the ICU, and can request an interrupt if
a valid trigger condition occurred on any of the enabled in-
put sources within a group of eight.
10.2.5
Input Assignments
For information on MIWU input assignments, including a
detailed device-specific summary, see Table 10-1.
10.3 MIWU REGISTERS
10.3.1
Edge Detection Register 1(WKEDG1)
The WKEDG1 Register is a byte-wide, read/write register
that configures the trigger condition of the input signals
WUI10 to WUI17. The register is cleared on reset. This con-
figures all associated input signals to be triggered on a fall-
ing edge.
Bits 7-0 - Wake-Up Edge Selection (WKEDG17-10)
For inputs WUI17 through WUI10. Each bit is associat-
ed with one of eight inputs.
0: Low-to-high transition
1: High-to-low transition
10.3.2
Edge Detection Register 2 (WKEDG2)
The WKEDG2 Register is a byte-wide, read/write register
that configures the trigger condition of the input signals
WU20 to WU27. The functionality of the register is identical
to the WKEDG1 Register described above.
10.3.3
Edge Detection Register 3 (WKEDG3)
The WKEDG3 Register is a byte-wide, read/write register
that configures the trigger condition of the input signals
WU30 to WU37. The functionality of the register is identical
to the WKEDG1 Register described above.
10.3.4
Pending Register 1 (WKPND1)
The WKPND1 Register is a byte-wide, read/write register
that latches the occurrence of a selected trigger condition
associated with the input signals WUI10 to WUI17. On re-
set, WKPND1 Register is cleared (0). This indicates that no
occurrence of the selected trigger condition is pending.
Note:
While software can set the register bits, only the WKPCL1
register can clear them. Writing a 0 to any of the bits leaves
their values unchanged.
Bits 7-0 - Wake-Up Pending (WKPND17-10)
If set, indicates that a valid trigger condition has oc-
curred on the associated input.
10.3.5
Pending Register 2 (WKPND2)
The WKPND2 Register is a byte-wide, read/write register
that latches the occurrence of a selected trigger condition
associated with the input signals WUI20 to WUI27. For a
detailed description of the register see the above descrip-
tion of the WKPND1 Register.
7
0
WKEDG17-WKEDG10
7
0
WKPND17-WKPND10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com