Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 45Page - National Semiconductor (TI) PC87570 Datasheet HTML 46Page - National Semiconductor (TI) PC87570 Datasheet HTML 47Page - National Semiconductor (TI) PC87570 Datasheet HTML 48Page - National Semiconductor (TI) PC87570 Datasheet HTML 49Page - National Semiconductor (TI) PC87570 Datasheet HTML 50Page - National Semiconductor (TI) PC87570 Datasheet HTML 51Page - National Semiconductor (TI) PC87570 Datasheet HTML 52Page - National Semiconductor (TI) PC87570 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 168 page
background image
Host Bus Interface (HBI)
49
http://www.national.com
5.2
HOST ACCESS TO SHARED MEMORY DEVICE
The PC87570 allows the host system BIOS and the CR16A
firmware to share the same physical memory device. Typi-
cally, this memory is a Flash device to allow field upgrade
of both programs.
5.2.1
Enabling Shared Memory Mode
The host interface to the shared memory device is enabled
via the Shared BIOS Memory (SHBM) strap pin, on power-
up reset:
q
When SHBM is low (0), shared memory is enabled.
This is the default selected by the on-chip pull-down.
q
When SHBM is high (1), the memory device is not
shared. In this case, nine additional I/O port signals
are available instead HMEMR, HMEMW, HMEMCS,
HA16-18 and A16-18 (see Section 2.5 for alternate
function settings).
Setting SHBM is described in Section 2.7.
5.2.2
Memory Device Interface
The memory device is connected directly to the PC87570.
The BIU arbitrates the usage of the memory. Different types
of memory devices with different access times can be used
by programming the BIU configuration registers (see Chap-
ter 3).
5.2.3
Host Access to Shared Memory
The host can access the memory through the HBI, core bus
and BIU. The PC87570 generates the memory control sig-
nals and bridges the address and data from the host bus to
the memory bus. See “Block Diagram” on page 1.
The shared memory is accessed using host bus memory
cycles. To read from the memory, the host asserts the
HMEMR and HMEMCS signals. To write to the memory, it
asserts the HMEMW and HMEMCS signals. The HBI iden-
tifies these commands, and requests control over the core
bus to perform these read and write operations. During host
access to the shared memory, the ISA bus cycle is extend-
ed using HIOCHRDY signal.
Host access to the shared memory can be completed only
when the PC87570 is out of reset, in Active mode, and
SHMEN and SHOFF in the MCFG Register are set (1). On
power-up reset, the Host Reset Mode Select (HRMS) strap
pin determines the handling of accesses that cannot be
completed, as follows (see also how to set HRMS in Section
2.4):
q
When HRMS is low (0) and access to the shared
memory is enabled (SHBM=0), an access by the host
to shared memory which the PC87570 cannot com-
plete is extended by HIOCHRDY until the PC87570
completes the transaction (i.e., after reset, in Active
mode, with SHMEN and SHOFF set).
q
When HRMS is high (1) and access to the shared
memory is enabled (SHBM=0), an access by the host
to shared memory which the PC87570 cannot com-
plete causes the PC87570 to generate an active low
host reset signal (HRSTO=0). Reset ends when both
HMEMR and HMEMW are inactive (high) and the
PC87570 completes a host access. In this case, the
PC87570 does not perform the bus cycle to memory.
Host Bus Memory Cycles
The host bus cycles are detailed in Section 19.5.2.
The host data bus is 8 bits wide. When the PC87570 uses
a 16-bit wide Flash memory, the 8-bit read or write opera-
tion is directed to the lower (0 through 7) or higher (8
through 15) bits of the memory data bus, according to the
host least significant address bit (HA0).
Host memory write operations are performed to a buffer in
the PC87570. The actual write to the shared memory is ex-
ecuted only after the host write is completed. If the
PC87570 is reset before this write is completed, data may
not be written to memory.
5.3
CORE ACCESS TO RTC/APC
The CR16A can access the on-chip RTC/APC through a
pair of registers, RTCCA and RTCCD. These two registers
are the same Index and Data registers when accessed from
the ISA bus at addresses 0070h and 0071h. See Section
5.12.1 for details.
5.3.1
Host and CR16A Arbitration over RTC/APC
Due to the indirect nature of RTC/APC access, the host
software and the PC87570 firmware cannot access the
RTC simultaneously. The host software and PC87570 firm-
ware must communicate to prevent conflicts in RTC register
usage. Without this communication, the host might set an
index which the PC87570 changes before the host can ac-
cess the RTC data. Also, this prevents interruption of cer-
tain RTC operations that require a sequence of bus
operations. LKRTCHA in the CTS1 Register controls ac-
cess to the RTC/APC, as follows:
• When LKRTCHA is cleared, access to the RTC regis-
ters by the host is enabled, while CR16A access to them
is blocked (i.e., write operations are ignored and read
operations return an unpredictable value).
• When LKRTCHA is set, CR16A access to the RTC reg-
isters is enabled, while any access to them by the host
is blocked, (i.e., write operations are ignored and read
operations return an unpredictable value).
The PC87570 firmware can access the RTC only while the
PC87570 is in Active mode. To do so, it should use the fol-
lowing sequence:
1. After arbitrating the use of the RTC with the host, set
LKRTCHA.
2. Read and save the RTC index (0070h) and the RTC
bank selection.
3. To access locked memory locations in the RTC, set
RTCMR in the CST1 Register to clear the RTC lock bits.
4. Access the RTC CMOS-RAM and its registers. To pre-
vent conflicts with the host software, the firmware
should not change any of the RTC volatile registers.
5. After RTC access has been completed:
— Relock RTC memory if it was unlocked
— Restore the RTC bank selection and the index value
6. Clear LKRTCHA to allow the host to access the RTC.
5.4
USAGE HINTS
5.4.1
Shared Memory
When using shared memory, the host should copy the BIOS
program to RAM during the boot process. This prevents
contention between the BIOS and PC87570 firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com