Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 101 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 101 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 97Page - National Semiconductor (TI) PC87570 Datasheet HTML 98Page - National Semiconductor (TI) PC87570 Datasheet HTML 99Page - National Semiconductor (TI) PC87570 Datasheet HTML 100Page - National Semiconductor (TI) PC87570 Datasheet HTML 101Page - National Semiconductor (TI) PC87570 Datasheet HTML 102Page - National Semiconductor (TI) PC87570 Datasheet HTML 103Page - National Semiconductor (TI) PC87570 Datasheet HTML 104Page - National Semiconductor (TI) PC87570 Datasheet HTML 105Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 168 page
background image
ACCESS.bus (ACB) Interface
101
www.national.com
Master Transmit
After becoming the bus master, the device can start trans-
mitting data on the ACCESS.bus.
To transmit a byte the software should:
1. Check that the ACBST.BER and ACBST.NEGACK bits
are cleared and ACBST.SDAST is set. Also, if
ACBCTL1.STASTRE is set, check that ACBST.STAS-
TR is cleared (and clear it if required).
2. Write the data byte to be transmitted to the ACBSDA
register.
When the slave responds with a negative acknowledge, the
ACBST.NEGACK bit is set and the ACBST.SDAST bit re-
mains cleared. In this case, if ACBCTL1.INTEN is set, an in-
terrupt is sent to the core.
Master Receive
After becoming the bus master, the device can start receiv-
ing data on the ACCESS.bus.
To receive a byte the software should:
q
Check that ACBST.SDAST is set and ACBST.BER is
cleared. Also, if ACBCTL1.STASTRE is set, check that
ACBST.STASTR is cleared (and clear it if required).
q
Set the ACBCTL1.ACK bit to 1, if the next byte is the
last byte that should be read. This causes a negative
acknowledge to be sent.
q
Read the data byte from the ACBSDA register.
Master Stop
To end a transaction set (1) ACBCTL1.STOP, before clear-
ing
the
current
stall
flag
(i.e.,
ACBST.SDAST,
ACBST.NEGACK or ACBST.STASTR). This causes the
module to send a Stop Condition immediately, and clear
ACBCTL1.STOP. A Stop Condition may be issued only
when the PC87570 is the active bus master (ACBST.MAS-
TRER=1).
Master Bus Stall
The ACB module can stall the ACCESS.bus between trans-
fers while waiting for the core’s response. The AC-
CESS.bus is stalled by holding the SCL signal low after the
acknowledge cycle. Note that this is interpreted as the be-
ginning of the following bus operation. The user must make
sure that the next operation is prepared before the flag that
causes the bus stall is cleared.
The flags that can cause a bus stall in Master mode are:
q
Negative acknowledge after sending a byte
(ACBSTNEGACK=1).
q
ACBST.SDAST bit is set.
q
ACBCTL1.STASTRE=1, after a successful start (ACB-
ST.STASTR=1).
Repeated Start
A repeated start is performed when the PC87570 is already
the bus master (ACBST.MASTER is set). In this case the
ACCESS.bus is stalled and the ACB module is awaiting the
core
handling
due
to:
negative
acknowledge
(ACBST.NEGACK=1), empty buffer (ACBST.SDAST=1)
and/or a stall after start (ACBST.STASTR=1).
For a Repeated Start:
q
Set (1) ACBCTL1.START.
q
In Master Receive mode, read the last data item from
ACBSDA.
q
Follow the address send sequence, as described in
“Sending the Address Byte” on page 100.
q
If the ACB was awaiting handling due to ACBST.STAS-
TR=1, clear it only after writing the requested address
and direction to ACBSDA.
Master Error Detection
The ACB detects illegal Start or Stop Conditions (i.e., a
Start or Stop Condition within the data transfer, or the ac-
knowledge cycle) and a conflict on the data lines of the AC-
CESS.bus. If an illegal condition is detected, BER is set,
and the Master mode is exited (ACBSTMASTER is
cleared).
Bus Idle Error Recovery
When a request to become the active bus master or a re-
start operation fails, the ACBST.BER bit is set to indicate
the error. In some cases, both the PC87570 and the other
device may identify the failure and leave the bus idle. In this
case, the start sequence may be uncompleted and the AC-
CESS.bus may remain deadlocked forever.
To recover from deadlock, use the following sequence:
q
Clear ACBST.BER bit and the ACBCST.BB bit.
q
Wait for a time-out period to check that there is no oth-
er active master on the bus (i.e., ACBCST.BB remains
cleared).
q
Disable, and re-enable the ACB to put it in the non-ad-
dressed slave mode. (This completely resets the mod-
ule).
At this point some of the slaves may not identify the bus er-
ror. To recover, the ACB module becomes the bus master:
it asserts a Start Condition, sends an address byte, then as-
serts a Stop Condition which synchronizes all the slaves.
13.3.2
Slave Mode
A slave device waits in Idle mode for a master to initiate a
bus transaction. Whenever the ACB module is enabled, and
it is not acting as a master (i.e., ACBST.MASTER is
cleared), it acts as a slave device.
Once a Start Condition on the bus is detected, the PC87570
checks whether the address sent by the current master
matches either:
q
The ACBADDR.ADDR value if ACBADDR.SAEN=1, or
q
The general call address if ACBCTL1.GCMEM=1.
This match is checked even when ACBST.MASTER is set.
If a bus conflict (on SDA or SCL) is detected, ACBST.BER
is set, ACBST.MASTER is cleared and the PC87570 con-
tinues to search the received message for a match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com