Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 157 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 153Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 154Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 155Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 156Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 157Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 158Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 159Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 160Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
6.13.1 Video Processing Front-End (VPFE)
The Video Processing Front-End (VPFE) consists of the CCD Controller (CCDC), Preview Engine,
Resizer, Hardware 3A (H3A) Statistic Generator, and Histogram blocks. Together, these modules provide
DM6446 with a powerful and flexible front-end interface. These modules are briefly described below:
•
The CCDC provides an interface to image sensors and digital video sources.
•
The Preview Engine is a parameterized hardwired image processing block which is used for converting
RAW color data from a Bayer pattern to YUV 4:2:2.
•
The Resizer module re-sizes the input image data to the desired display or video encoding resolution
•
The H3A module provides control loops for Auto Focus (AF), Auto White Balance (AWB) and Auto
Exposure (AE).
•
The Histogram module bins input color pixels, depending on the amplitude, and provides statistics
required to implement various 3A (AE/AF/AWB) algorithms and tune the final image/video output.
The VPFE register memory mapping is shown in Table 6-47.
Table 6-47. VPFE Register Address Range Descriptions
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C7 0400 – 0x01C7 07FF
CCDC
VPFE – CCD Controller
0x01C7 0800 – 0x01C7 0BFF
PREV
VPFE – Preview Engine/Image Signal Processor
0x01C7 0C00 – 0x01C7 09FF
RESZ
VPFE – Resizer
0x01C7 1000 – 0x01C7 13FF
HIST
VPFE – Histogram
0x01C7 1400 – 0x01C7 17FF
H3A
VPFE – Hardware 3A (Auto-Focus/WB/Exposure)
0x01C7 3400 – 0x01C7 3FFF
VPSS
VPSS Shared Buffer Logic Registers
6.13.1.1 CCD Controller (CCDC)
The CCDC receives raw image/video data from sensors (CMOS or CCD) or YUV video data in numerous
formats from video decoder devices. The following features are supported by the CCDC module.
•
Conventional Bayer pattern formats.
•
Generates HD/VD timing signals and field ID to an external timing generator or can synchronize to an
external timing generator.
•
Interface to progressive and interlaced sensors.
•
REC656/CCIR-656 standard (YCbCr 4:2:2 format, either 8- or 16-bit).
•
YCbCr 4:2:2 format, either 8- or 16-bit with discrete H and VSYNC signals.
•
Up to 16-bit input.
•
Optical black clamping signal generation.
•
Shutter signal control.
•
Digital clamping and black level compensation.
•
10-bit to 8-bit A-law compression.
•
Low-pass filter prior to writing to SDRAM. If this filter is enabled, 2 pixels each in the left and right
edges of each line are cropped from the output.
•
Output range from 16-bits to 8-bits wide (8-bits wide allows for 50% saving in storage area).
•
Downsampling via programmable culling patterns.
•
Control output to the DDR2 via an external write enable signal.
•
Up to 16K pixels (image size) in both the horizontal and vertical direction.
The CCDC register memory mapping is shown in Table 6-48.
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
157
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com