Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 159 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 159 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 155Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 156Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 157Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 158Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 159Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 160Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 161Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 162Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
6.13.1.2 Preview Engine
The preview engine transforms raw unprocessed image/video data from a sensor (CMOS or CCD) into
YCbCr 4:2:2 data. The output of the preview engine is used for both video compression and external
display devices such as a NTSC/PAL analog encoder or a digital LCD. The following features are
supported by the preview engine.
•
Accepts conventional Bayer pattern formats.
•
Input image/video data from either the CCD/CMOS controller or the DDR2 memory.
•
Output width up to 1280 pixels wide.
•
Automatic/mandatory cropping of pixels/lines when edge processing is performed. If all the
corresponding modules are enabled, a total of 14 pixels per line (7 left most and 7 right most) and 8
lines (4 top most and 4 bottom most) will not be output.
•
Simple horizontal averaging (by factors of 2, 4, or 8) to handle input widths that are greater than 1280
(plus the cropped number) pixels wide.
•
Dark frame capture to DDR2.
•
Dark frame subtraction for every input raw data frame, fetched from DDR2, pixel-by-pixel to improve
video quality.
•
Lens shading compensation. Each input pixel is multiplied with a corresponding 8-bit gain value and
the result is right shifted by a programmable parameter (0-7 bits).
•
A-law decompression to transform non-linear 8-bit data to 10-bit linear data. This feature allows data in
DDR2 to be 8-bits, which saves 50% of the area if the input to the preview engine is from the DDR2.
•
Horizontal median filter for reducing temperature induced noise in pixels.
•
Programmable noise filter that operates on a 3x3 grid of the same color (effectively, this is a five line
storage requirement).
•
Digital gain and white balance (color separate gain for white balance).
•
Programmable CFA interpolation that operates on a 5x5 grid.
•
Conventional Bayer pattern RGB and complementary color sensors.
•
Support for an image that is downsampled by 2x in the horizontal direction (with and without phase
correction). In this case, the image is 2/3 populated instead of the conventional 1/3 colors.
•
Support for an image that is downsampled by 2x in both the horizontal and vertical direction. In this
case, the image is fully populated instead of the conventional 1/3 colors.
•
Programmable RGB-to-RGB blending matrix (9 coefficients for the 3x3 matrix).
•
Fully programmable gamma correction (1024 entries for each color held in an on-chip RAM).
•
Programmable color conversion (RGB to YUV) coefficients (9 coefficients for the 3x3 matrix).
•
Luminance enhancement (non-linear) and chrominance suppression & offset.
The Preview Engine register memory mapping is shown in Table 6-49.
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
159
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com