Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 158 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 154Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 155Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 156Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 157Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 158Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 159Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 160Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 161Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-48. CCDC Register Descriptions
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 0400
PID
Peripheral Revision and Class Information
0x01C7 0404
PCR
Peripheral Control Register
0x01C7 0408
SYN_MODE
SYNC and Mode Set Register
0x01C7 040C
HD_VD_WID
HD and VD Signal Width
0x01C7 0410
PIX_LINES
Number of Pixels in a Horizontal Line and Number of Lines in a Frame
0x01C7 0414
HORZ_INFO
Horizontal Pixel Information
0x01C7 0418
VERT_START
Vertical Line - Settings for the Starting Pixel
0x01C7 041C
VERT_LINES
Number of Vertical Lines
0x01C7 0420
CULLING
Culling Information in Horizontal and Vertical Directions
0x01C7 0424
HSIZE_OFF
Horizontal Size
0x01C7 0428
SDOFST
SDRAM/DDRAM Line Offset
0x01C7 042C
SDR_ADDR
SDRAM Address
0x01C7 0430
CLAMP
Optical Black Clamping Settings
0x01C7 0434
DCSUB
DC Clamp
0x01C7 0438
COLPTN
CCD Color Pattern
0x01C7 043C
BLKCMP
Black Compensation
0x01C7 0440
-
Reserved
0x01C7 0444
-
Reserved
0x01C7 0448
VDINT
VD Interrupt Timing
0x01C7 044C
ALAW
A-Law Setting
0x01C7 0450
REC656IF
REC656 Interface
0x01C7 0454
CCDCFG
CCD Configuration
0x01C7 0458
FMTCFG
Data Reformatter/Video Port Configuration
0x01C7 045C
FMT_HORZ
Data Reformatter/Video Input Interface Horizontal Information
0x01C7 0460
FMT_VERT
Data Reformatter/Video Input Interface Vertical Information
0x01C7 0464
FMT_ADDR0
Address Pointer 0 Setup
0x01C7 0468
FMT_ADDR1
Address Pointer 1 Setup
0x01C7 046C
FMT_ADDR2
Address Pointer 2 Setup
0x01C7 0470
FMT_ADDR3
Address Pointer 3 Setup
0x01C7 0474
FMT_ADDR4
Address Pointer 4 Setup
0x01C7 0478
FMT_ADDR5
Address Pointer 5 Setup
0x01C7 047C
FMT_ADDR6
Address Pointer 6 Setup
0x01C7 0480
FMT_ADDR7
Address Pointer 7 Setup
0x01C7 0484
PRGEVEN_0
Program Entries 0-7 for Even Line
0x01C7 0488
RRGEVEN_1
Program Entries 8-15 for Even Line
0x01C7 048C
PRGGODD_0
Program Entries 0-7 for Odd Line
0x01C7 0490
PRGGODD_1
Program Entries 8-15 for Odd Line
0x01C7 0494
VP_OUT
Video Port Output Settings
158
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com