Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 173 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 169Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 170Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 171Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 172Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 173Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 174Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 175Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 176Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 6-59. VENC (Including Digital LCD and DACs) Register Descriptions (continued)
ADDRESS
REGISTER
DESCRIPTION
0x01C7 2484
DCLKPTN3A
DCLK Auxiliary Pattern 3
0x01C7 2488
DCLKHS
Horizontal DCLK Mask Start
0x01C7 248C
DCLKHSA
Horizontal Auxiliary DCLK Mask Start
0x01C7 2490
DCLKHR
Horizontal DCLK Mask Range
0x01C7 2494
DCLKVS
Vertical DCLK Mask Start
0x01C7 2498
DCLKVR
Vertical DCLK Mask Range
0x01C7 249C
CAPCTL
Caption Control
0x01C7 24A0
CAPDO
Caption Data Odd Field
0x01C7 24A4
CAPDE
Caption Data Even Field
0x01C7 24A8
ATR0
Video Attribute Data # 0
0x01C7 24AC
ATR1
Video Attribute Data # 1
0x01C7 24B0
ATR2
Video Attribute Data # 2
0x01C7 24B4
0x01C7 24B4
Reserved
0x01C7 24B4
0x01C7 24B4
0x01C7 24B8
VSTAT
Video Status
0x01C7 24BC
Reserved
0x01C7 24C0
0x01C7 24C4
DACTST
DAC Test
0x01C7 24C8
YCOLVL
YOUT and COUT Levels
0x01C7 24CC
SCPROG
Sub-Carrier Programming
0x01C7 24D0
0x01C7 24D4
Reserved
0x01C7 24D8
0x01C7 24DC
CVBS
Composite Mode
0x01C7 24E0
CMPNT
Component Mode
0x01C7 24E4
ETMG0
CVBS Timing Control 0
0x01C7 24E8
ETMG1
CVBS Timing Control 1
0x01C7 24EC
ETMG2
Component Timing Control 0
0x01C7 24F0
ETMG3
Component Timing Control 1
0x01C7 24F4
DACSEL
DAC Output Select
0x01C7 24F8
Reserved
0x01C7 24FC
0x01C7 2500
ARGBX0
Analog RGB Matrix 0
0x01C7 2504
ARGBX1
Analog RGB Matrix 1
0x01C7 2508
ARGBX2
Analog RGB Matrix 2
0x01C7 250C
ARGBX3
Analog RGB Matrix 3
0x01C7 2510
ARGBX4
Analog RGB Matrix 4
0x01C7 2514
DRGBX0
Digital RGB Matrix 0
0x01C7 2518
DRGBX1
Digital RGB Matrix 1
0x01C7 251C
DRGBX2
Digital RGB Matrix 2
0x01C7 2520
DRGBX3
Digital RGB Matrix 3
0x01C7 2524
DRGBX4
Digital RGB Matrix 4
0x01C7 2528
VSTARTA
Vertical Data Valid Start Position for Even Field
0x01C7 252C
OSDCLK0
OSD Clock Control 0
0x01C7 2530
OSDCLK1
OSD Clock Control 1
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
173
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com