Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 174 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 174 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 170Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 171Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 172Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 173Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 174Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 175Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 176Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 177Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 227 page
background image
1
PCLK
2
3
7
5
6
4
8
VPBECLK
4
8
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-59. VENC (Including Digital LCD and DACs) Register Descriptions (continued)
ADDRESS
REGISTER
DESCRIPTION
0x01C7 2534
HVLDCL0
Horizontal Valid Culling Control 0
0x01C7 2538
HVLDCL1
Horizontal Valid Culling Control 1
0x01C7 253C
OSDHADV
OSD Horizontal Sync Advance
6.13.2.3 VPBE Electrical Data/Timing
Table 6-60. Timing Requirements for VPBE CLK Inputs (see Figure 6-50)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
1
tc(PCLK)
Cycle time, PCLK
13.33
160
ns
2
tw(PCLKH)
Pulse duration, PCLK high
5.7
ns
3
tw(PCLKL)
Pulse duration, PCLK low
5.7
ns
4
tt(PCLK)
Transition time, PCLK
3
ns
5
tc(VPBECLK)
Cycle time, VPBECLK
13.33
160
ns
6
tw(VPBECLKH)
Pulse duration, VPBECLK high
5.7
ns
7
tw(VPBECLKL)
Pulse duration, VPBECLK low
5.7
ns
8
tt(VPBECLK)
Transition time, VPBECLK
3
ns
Figure 6-50. VPBE PCLK and VPBECLK Timing
174
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com