Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 178 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 178 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 174Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 175Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 176Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 177Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 178Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 179Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 180Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 181Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 227 page
background image
Low-PassFilter
=6.5MHz
~R
=500
f
c
LOAD
DAC
75
75
I
OUT
Amplifier
Gain=5.6V/V
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.13.2.4 DAC Electrical Data/Timing
Table 6-64. Switching Characteristics Over Recommended Operating Conditions for DAC Static
Specifications
A-513,
-594,
NO.
PARAMETER
TEST CONDITIONS
UNIT
-810
MIN
TYP
MAX
DC Accuracy
-1.0
1.0
LSB
Integral Non-Linearity (INL)
-0.5
0.5
LSB
Differential Non-Linearity (DNL)
Analog Output
0.5
LSB
Offset Error
5
%FS
Gain Error
500
mVPP
Full-Scale Output Voltage
RLOAD = 500 Ω
Output Capacitance
200
pF
Reference
0.475
0.5
0.525
V
Reference Voltage Range (VREF)
3.8
4.0
4.2
k
Ω
Full-Scale Current Adjust Resistor (RBIAS)
Table 6-65. Switching Characteristics Over Recommended Operating Conditions for DAC Dynamic
Specifications
A-513,
-594,
NO.
PARAMETER
TEST CONDITIONS
UNIT
-810
MIN
TYP
MAX
Output Update Rate (FCLK)
27
60
MHz
Signal Bandwidth
6
MHz
FCLK = 27 MHz
60
dB
FOUT = 2.0 MHz
SFDR to Nyquist
FCLK = 60 MHz
60
dB
FOUT = 2.0 MHz
FCLK = 27 MHz
60
dB
FOUT = 2.0 MHz
SFDR within Bandwidth
FCLK = 60 MHz
60
dB
FOUT = 2.0 MHz
PSRR Over Temp vs Power Supply
50
dB
The DM6446's analog video DAC outputs are designed to drive a 500-
Ω load. Figure 6-54 describes a
typical circuit that will permit connecting the analog video output from the DM6446 device to standard
75-
Ω impedance video systems. Another solution is to use a Video Amplifier with an integrated filter to
provide a complete solution to the typical output circuit shown in Figure 6-54.
Figure 6-54. Typical Output Circuit for NTSC/PAL Video From DACs
178
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com