Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 177 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 177 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 173Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 174Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 175Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 176Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 177Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 178Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 179Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 180Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 227 page
background image
VCLK
(Positive Edge
Clocking)
VCLK
(Negative Edge
Clocking)
17
VCTL(B)
VDATA(C)
18
19
22
21
23
24
25
26
VCLKIN(A)
A. VCLKIN = PCLK or VPBECLK
B. VCTL = HSYNC, VSYNC, LCD_FIELD, and LCD_OE
C. VDATA = COUT[7:0], YOUT[7:0], R[7:0], G[7:0], and B[7:0]
20
20
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 6-63. Switching Characteristics Over Recommended Operating Conditions for VPBE Control and
Data Output With Respect to VCLK(1) (2) (see Figure 6-53)
A-513,
-594,
NO.
PARAMETER
MODE(3)
UNIT
-810
MIN
MAX
17
tc(VCLK)
Cycle time, VCLK
13.33
160
ns
Pulse duration, VCLK high (positive-edge clocking)
H - 1.3(4)
H - 0.3(4)
ns
18
tw(VCLKH)
Pulse duration, VCLK high (negative-edge clocking)
L - 1.3(4)
L - 0.3(4)
ns
Pulse duration, VCLK low (positive-edge clocking)
L + 0.3(4)
L + 1.3(4)
ns
19
tw(VCLKL)
Pulse duration, VCLK low (negative-edge clocking)
H + 0.3(4) H + 1.3(4)
ns
20
tt(VCLK)
Transition time, VCLK
3
ns
21
td(VCLKINH-VCLKH)
Delay time, VCLKIN high to VCLK high
2
12
ns
22
td(VCLKINL-VCLKL)
Delay time, VCLKIN low to VCLK low
2
12
ns
Delay time, VCLK negative edge to VCTL valid
7.5
ns
23
td(VCLK-VCTLV)
Delay time, VCLK positive edge to VCTL valid
6.9
ns
Delay time, VCLK negative edge to VCTL invalid
2
ns
24
td(VCLKL-VCTLIV)
Delay time, VCLK positive edge to VCTL invalid
1.5
ns
Delay time, VCLK negative edge to VDATA valid
6.8
ns
25
td(VCLK-VDATAV)
Delay time, VCLK positive edge to VDATA valid
6.3
ns
RGB
2.1
ns
Delay time, VCLK negative edge to VDATA invalid
YCC
2.5
ns
26
td(VCLKL-VDATAIV)
RGB
1.9
ns
Delay time, VCLK positive edge to VDATA invalid
YCC
2.1
ns
(1)
The VPBE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode, the
rising edge of VCLK is referenced. When in negative edge clocking mode, the falling edge of VCLK is referenced.
(2)
VCLKIN = PCLK or VPBECLK
(3)
RGB and YCC modes utilize different data pins. RGB mode uses data pins: R[7:0], G[7:0], and B[7:0]. YCC mode uses data pins:
COUT[7:0] and YOUT[7:0].
(4)
H and L are the high and low pulse widths of the input clock to the VPBE, respectively. For example, if VPBECLK is used as the input
clock and it has a high pulse duration of 6.67 ns, the resulting high pulse duration of VCLK, if positive-edge clocking is selected, will be a
MAX of 6.37 ns and a MIN of 5.27 ns.
Figure 6-53. VPBE Control and Data Output Timing With Respect to VCLK
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
177
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com