Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 121Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 122Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 123Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 124Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 125Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 126Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 127Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 128Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 245 page
background image
ST7LITE49K2
On-chip peripherals
125/245
Figure 64.
Output compare timing diagram, fTIMER =fCPU/4
One pulse mode
One pulse mode enables the generation of a pulse when an external event occurs. This
mode is selected via the OPM bit in the CR2 register.
The one pulse mode uses the input capture1 function and the output compare1 function.
Procedure
1.
Load the OC1R register with the value corresponding to the length of the pulse (see
Equation 3 below).
2.
Select the following in the CR1 register:
Using the OLVL1 bit, select the level to be applied to the OCMP1 pin after the
pulse.
Using the OLVL2 bit, select the level to be applied to the OCMP1 pin during the
pulse.
Select the edge of the active transition on the ICAP1 pin with the IEDG1 bit (the
ICAP1 pin must be configured as floating input).
3.
Select the following in the CR2 register:
Set the OC1E bit, the OCMP1 pin is then dedicated to the output compare 1
function.
Set the OPM bit.
Select the timer clock CC[1:0] (see : Timer A control register 2 (TACR2) on
page 132).
Internal CPU clock
Timer clock
Counter register
Output compare register i (OCRi)
2ED3
2ED0
2ED1
2ED2
2ED3
2ED4
2ECF
OCMPi pin (OLVLi = 1)
Output compare flag i (OCFi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com