Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 124Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 125Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 126Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 127Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 128Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 129Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 130Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 131Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 245 page
background image
On-chip peripherals
ST7LITE49K2
128/245
Note:
There is a locking mechanism for transferring the OCiR value to the buffer. After a write to
the OCiHR register, transfer of the new compare value to the buffer is inhibited until OCiLR
is also written.
Unlike in output compare mode, the compare function is always enabled in PWM mode.
Procedure
To use pulse width modulation mode:
1.
Load the OC2R register with the value corresponding to the period of the signal using
the formula in the opposite column.
2.
Load the OC1R register with the value corresponding to the period of the pulse if
(OLVL1 = 0 and OLVL2 = 1) using Equation 5.
3.
Select the following in the CR1 register:
Using the OLVL1 bit, select the level to be applied to the OCMP1 pin after a successful
comparison with OC1R register.
Using the OLVL2 bit, select the level to be applied to the OCMP1 pin after a successful
comparison with OC2R register.
4.
Select the following in the CR2 register:
Set OC1E bit: the OCMP1 pin is then dedicated to the output compare 1 function.
Set the PWM bit.
Select the timer clock (CC[1:0]) (see: Timer A control register 2 (TACR2) on page 132).
Figure 68.
Pulse width modulation cycle
If OLVL = 1 and OLVL2 = 0 the length of the positive pulse is the difference between the
OC2R and OC1R registers.
If OLVL1 = OLVL2 a continuous signal is seen on the OCMP1 pin.
counter
OCMP1 = OLVL2
OCMP1 = OLVL1
When
=OC1R
Pulse width modulation cycle
Counter is reset
to FFFCh
ICF1 bit is set
counter
When
= OC2R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com