Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 127Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 128Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 129Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 130Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 131Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 132Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 133Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 134Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 245 page
background image
ST7LITE49K2
On-chip peripherals
131/245
11.4.7
16-bit timer registers
Each timer is associated with three control and status registers, and with six pairs of data
registers (16-bit values) relating to the two input captures, the two output compares, the
counter and the alternate counter.
TIMA control register 1 (TACR1)
Reset value: 0000 0000 (00h)
Bit 7 = ICIE Input capture interrupt enable
0: Interrupt is inhibited
1: A timer interrupt is generated whenever the ICF1 or ICF2 bit of the SR register is
set
Bit 6 = OCIE Output compare interrupt enable
0: Interrupt is inhibited
1: A timer interrupt is generated whenever the OCF1 or OCF2 bit of the SR register is
set
Bit 5 = TOIE Timer overflow interrupt enable
0: Interrupt is inhibited
1: A timer interrupt is enabled whenever the TOF bit of the SR register is set
Bit 4 = FOLV2 Forced output compare 2
This bit is set and cleared by software.
0: No effect on the OCMP2 pin
1: Forces the OLVL2 bit to be copied to the OCMP2 pin, if the OC2E bit is set and
even if there is no successful comparison
Bit 3 = FOLV1 Forced output compare 1
This bit is set and cleared by software.
0: No effect on the OCMP1 pin
1: Forces OLVL1 to be copied to the OCMP1 pin, if the OC1E bit is set and even if
there is no successful comparison
Bit 2 = OLVL2 Output level 2
This bit is copied to the OCMP2 pin whenever a successful comparison occurs with the
OC2R register and OCxE is set in the CR2 register. This value is copied to the OCMP1
pin in one pulse mode and pulse width modulation mode.
7
0
ICIE
OCIE
TOIE
FOLV2
FOLV1
OLVL2
IEDG1
OLVL1
Read / Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com