Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 148Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 149Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 150Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 151Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 152Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 153Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 154Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 155Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 245 page
background image
On-chip peripherals
ST7LITE49K2
152/245
I2C status register 2 (I2CSR2)
Reset value: 0000 0000 (00h)
Bits 7:5 = Reserved. Forced to 0 by hardware.
Bit 4 = AF Acknowledge failure bit
This bit is set by hardware when no acknowledge is returned. An interrupt is generated
if ITE=1. It is cleared by software reading SR2 register or by hardware when the
interface is disabled (PE=0).
The SCL line is not held low while AF=1 but by other flags (SB or BTF) that are set at
the same time.
0: No acknowledge failure
1: Acknowledge failure
Bit 3 = STOPF Stop detection bit (slave mode)
This bit is set by hardware when a Stop condition is detected on the bus after an
acknowledge (if ACK=1). An interrupt is generated if ITE=1. It is cleared by software
reading SR2 register or by hardware when the interface is disabled (PE=0).
The SCL line is not held low while STOPF=1.
0: No Stop condition detected
1: Stop condition detected
Bit 2 = ARLO Arbitration lost bit
This bit is set by hardware when the interface loses the arbitration of the bus to another
master. An interrupt is generated if ITE=1. It is cleared by software reading SR2
register or by hardware when the interface is disabled (PE=0).
After an ARLO event the interface switches back automatically to Slave mode
(M/SL=0).
The SCL line is not held low while ARLO=1.
0: No arbitration lost detected
1: Arbitration lost detected
Note:
In a Multimaster environment, when the interface is configured in Master Receive mode it
does not perform arbitration during the reception of the Acknowledge Bit. Mishandling of the
ARLO bit from the I2CSR2 register may occur when a second master simultaneously
requests the same data from the same slave and the I2C master does not acknowledge the
data. The ARLO bit is then left at 0 instead of being set.
Bit 1 = BERR Bus error bit
This bit is set by hardware when the interface detects a misplaced Start or Stop
condition. An interrupt is generated if ITE=1. It is cleared by software reading SR2
register or by hardware when the interface is disabled (PE=0).
The SCL line is not held low while BERR=1.
0: No misplaced Start or Stop condition
1: Misplaced Start or Stop condition
7
0
0
0
0
AF
STOPF
ARLO
BERR
GCAL
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com