Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 151Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 152Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 153Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 154Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 155Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 156Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 157Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 158Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 245 page
background image
ST7LITE49K2
On-chip peripherals
155/245
Table 49.
I2C register mapping and reset values
Address
(Hex.)
Register
label
7
654
321
0
0064h
I2CCR
Reset
Value
00
PE
0
ENGC
0
START
0
ACK
0
STOP
0
ITE
0
0065h
I2CSR1
Reset
Value
EVF
0
ADD10
0
TRA
0
BUSY
0
BTF
0
ADSL
0
M/SL
0
SB
0
0066h
I2CSR2
Reset
Value
00
0
AF
0
STOPF
0
ARLO
0
BERR
0
GCAL
0
0067h
I2CCCR
Reset
Value
FM/SM
0
CC6
0
CC5
0
CC4
0
CC3
0
CC2
0
CC1
0
CC0
0
0068h
I2COAR1
Reset
Value
ADD7
0
ADD6
0
ADD5
0
ADD4
0
ADD3
0
ADD2
0
ADD1
0
ADD0
0
0069h
I2COAR2
Reset
Value
FR1
0
FR0
100
0
ADD9
0
ADD8
00
006Ah
I2CDR
Reset
Value
MSB
0
000
000
LSB
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com