Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 216 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 216 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 212Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 213Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 214Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 215Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 216Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 217Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 218Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 219Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 245 page
background image
Electrical characteristics
ST7LITE49K2
216/245
13.9.2
Output driving current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Table 97.
Output driving current characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 105)
IIO=+5 mA,
TA≤125 °C
1.0
V
IIO=+2 mA,
TA≤ 125 °C
0.4
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 108)
IIO=+20 mA,
TA≤125 °C
1.3
IIO=+8 mA
TA≤125 °C
0.75
VOH
(2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 116)
IIO=-5 mA,
TA≤125 °C
VDD-1.5
IIO=-2 mA
TA≤125 °C
VDD-0.8
VOL
(1)(3)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 104 and Figure 107)
IIO=+2 mA
TA≤125 °C
0.5
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
IIO=+8 mA
TA≤125 °C
0.6
VOH
(2)(3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(Figure 115)
IIO=-2 mA
TA≤125 °C
VDD-0.8
VOL
(1)(3)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 103)
IIO=+2 mA
TA≤125 °C
0.6
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time (see
Figure 106)
IIO=+8 mA
TA≤125 °C
0.7
VOH
(2)(3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 114)
IIO=-2 mA
TA≤125 °C
VDD-0.1
1.
The IIO current sunk must always respect the absolute maximum rating specified in Section Table 70. and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2.
The IIO current sourced must always respect the absolute maximum rating specified in Section Table 70. and the sum of IIO
(I/O ports and control pins) must not exceed IVDD.
3.
Not tested in production, based on characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com